công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CS-5366-R

  • AI
    The **CS-5366-R** is a high-performance, single-chip solution designed primarily for **USB-C to HDMI 2.0 conversion**. It is commonly found in docking stations, dongles, and video adapters. Below is a detailed breakdown of its electronic components, architecture, and technical specifications. --- ### 1. Core Architecture The CS-5366-R integrates several complex blocks into a single piece of silicon to handle the translation between different high-speed data protocols. | Component | Description | | :--- | :--- | | **DisplayPort Receiver** | Supports DP 1.4 (up to 4 lanes) as the input source. | | **HDMI Transmitter** | Outputs HDMI 2.0b signals with TMDS clock up to 600MHz. | | **MCU Core** | An embedded 8051 or similar microcontroller for handling HDCP and EDID. | | **PD Controller** | Handles USB Power Delivery and CC (Configuration Channel) logic. | | **V-Regulators** | Internal LDOs to convert 3.3V/1.1V for internal logic cores. | --- ### 2. Key Technical Specifications The electrical characteristics define how the chip handles high-resolution video and power management. * **Video Resolution:** Supports up to 4K @ 60Hz (3840 x 2160). * **Color Depth:** Supports 8/10/12-bit deep color. * **Content Protection:** Integrated HDCP 1.4 and HDCP 2.3 engines for DRM-protected content. * **Audio:** Supports 8-channel LPCM, compressed audio (AC-3, DTS), and HBR audio formats. * **Power Consumption:** Optimized for low power; typically operates on 3.3V and 1.1V rails. --- ### 3. Pinout and Connectivity Categories The pins on the CS-5366-R are generally categorized into four functional groups: #### High-Speed Differential Pairs * **TX/RX Lanes:** These are the most sensitive pins. They carry the high-speed differential signals for DisplayPort (Input) and HDMI (Output). They require precise impedance matching (usually 90-100 ohms). #### Configuration & Control * **CC1/CC2:** Connects to the USB-C connector to detect orientation and negotiate Power Delivery. * **SCL/SDA:** I2C interface used for DDC (Display Data Channel) communication with the monitor to read EDID. * **HPD:** Hot Plug Detect pin to sense when a display is connected. #### Power Management * **VDD33:** 3.3V Supply. * **VDD11:** 1.1V Core Supply (often generated by an internal or external regulator). * **GND:** Common ground plane for thermal dissipation and signal integrity. --- ### 4. Implementation Requirements To use the CS-5366-R in a circuit, specific external electronic parts are required: 1. **Crystal Oscillator:** Usually a 24MHz or 27MHz crystal for the internal clock. 2. **Flash Memory:** An external SPI Flash is often required to store the firmware for the MCU. 3. **ESD Protection:** High-speed TVS diodes on the HDMI and USB-C lines to prevent damage from static electricity. 4. **Decoupling Capacitors:** Small MLCC capacitors (0.1uF and 10uF) placed near power pins to filter noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the CS-5366-R during 4K60 operation?
    • ⤷ Can the CS-5366-R support HDR10 metadata pass-through?
    • ⤷ What is the recommended SPI Flash size for the firmware storage?