CS-12A-R/
AI

The **CS-12A-R** is an electronic component manufactured by **Nidec Components (formerly Copal Electronics)**. It belongs to the category of rotary selector switches designed for surface mount or through-hole applications on printed circuit boards (PCBs).
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Nidec Components (Copal) |
| **Type** | Rotary Selector Switch |
| **Number of Positions** | 2 (Binary/Simple Selection) |
| **Contact Timing** | Non-Shorting (Break-before-make) |
| **Circuit Type** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 100mA @ 16VDC |
| **Mounting Type** | Through-hole (R-suffix denotes specific lead forming) |
| **Washability** | Washable (Sealed construction) |
---
### 2. Physical Construction and Design
The CS-12A-R is built to withstand industrial environments while maintaining a small footprint.
* **Rotor/Actuator:** Usually features a screwdriver slot or a small knob to change positions.
* **Sealing:** The device is typically O-ring sealed or uses epoxy resin to ensure it is **washable**. This allows the PCB to be cleaned with solvents after soldering without damaging the internal contacts.
* **Housing:** High-temperature plastic (usually Polyphenylene Sulfide - PPS) to resist soldering heat.
---
### 3. Pinout and Circuit Configuration
The "12" in the part number signifies a 1-pole, 2-position configuration.
* **Common Terminal:** One pin acts as the input.
* **Output Terminals:** Depending on the rotation, the common pin connects to either Terminal 1 or Terminal 2.
* **Internal Logic:**
```text
Position A: Pin C connected to Pin 1
Position B: Pin C connected to Pin 2
```
---
### 4. Typical Applications
Because of its small size and reliability, the CS-12A-R is commonly used for:
* **Mode Selection:** Switching between "Auto" and "Manual" modes in industrial controllers.
* **Address Setting:** Simple binary address configuration for sensors.
* **Signal Routing:** Diverting a low-current signal between two different paths on a PCB.
* **Maintenance Switches:** Disabling certain features during diagnostic checks.
---
### 5. Part Number Breakdown
* **CS:** Product Series (Rotary Selectors)
* **12:** 1-pole, 2-positions
* **A:** Actuator type (often refers to top-actuated)
* **R:** Packaging/Lead Style (Tape and Reel or specific lead bend)
- ⤷
What are the soldering temperature requirements for the CS-12A-R?
- ⤷ Is there a surface-mount equivalent for this specific rotary switch?
- ⤷ What is the mechanical life expectancy (number of cycles) for this component?