công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CRS-C6-R/

  • AI
    The **CRS-C6-R** is a specific part number typically associated with **industrial high-pressure common rail test benches** (often manufactured by companies like CRS or various diesel testing equipment suppliers). It is designed to test common rail injectors and pumps. Below is an explanation of the electronic components and systems found within this unit. --- ## 1. Core Electronic Components The CRS-C6-R relies on a mix of power electronics for mechanical driving and sensitive control electronics for signal processing. | Component | Description | Function | | :--- | :--- | :--- | | **Main Control Board (PCB)** | The "brain" of the unit containing the MCU/CPU. | Processes testing protocols and coordinates hardware. | | **PWM Controller** | Pulse Width Modulation driver. | Controls the opening/closing timing of fuel injectors. | | **Pressure Sensor Interface** | Analog-to-Digital conversion circuitry. | Reads real-time pressure from the rail (up to 2500 bar). | | **IGBT/MOSFET Drivers** | High-power switching transistors. | Drives the high-current solenoids in injectors and pumps. | | **VFD (Variable Frequency Drive)** | AC motor controller. | Regulates the speed of the motor driving the high-pressure pump. | --- ## 2. Electronic Measurement & Control Systems ### A. Injection Signal Simulation The electronics must replicate the Electronic Control Unit (ECU) of a vehicle. * **Voltage Shaping:** It generates precise voltage peaks (often 70V-80V for Piezo or 12V-24V for Solenoid) to trigger fuel delivery. * **Pulse Width Control:** Measures in microseconds ($\mu s$) to simulate idle, full load, or pre-injection states. ### B. Pressure Regulation (PID Control) The unit uses a **Proportional-Integral-Derivative (PID)** loop. 1. **Input:** The user sets a target pressure (e.g., 1600 bar). 2. **Feedback:** The electronic rail pressure sensor sends a voltage signal back to the board. 3. **Adjustment:** The board adjusts the **DRV (Pressure Regulator Valve)** or **MPROP (Metering Unit)** electronically to maintain stability. --- ## 3. Connectivity and User Interface The "R" in the series often signifies a specific revision or a remote-capable interface. * **Display Module:** Usually an LCD or Touchscreen interface connected via LVDS or HDMI. * **Communication Ports:** * **USB:** For database updates (injector coding data). * **RS232/RS485:** Standard for internal industrial communication between the PLC and the computer. * **LAN/Ethernet:** For remote diagnostics or networking the test bench. --- ## 4. Safety and Protection Circuitry Because the device handles high voltage and high-pressure fuel, several electronic safety layers are present: * **Over-current Protection:** Fuses and optoisolators protect the mainboard from injector short circuits. * **Thermal Monitoring:** Thermistors monitor the temperature of the testing oil and the electronic heat sinks. * **Emergency Stop Relay:** A physical hardware interrupt that cuts power to the motor drivers and injectors instantly. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage range required to drive the injectors on a CRS-C6-R?
    • ⤷ How do I update the electronic database for new injector calibration codes?
    • ⤷ What are the common failure symptoms of the PWM driver board in this unit?