công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CRS-C6-R

  • AI
    The **CRS-C6-R** is a specific electronic sub-component, typically identified as a **high-precision, surface-mount (SMD) thick film chip resistor**. This component is commonly used in automotive, industrial, and telecommunications hardware where stability and space-saving are critical. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "CRS" series generally refers to resistors with specialized properties like high power ratings or anti-surge capabilities. | Feature | Typical Specification | | :--- | :--- | | **Resistor Type** | Thick Film Chip Resistor | | **Case Size** | 0603 (Metric 1608) | | **Resistance Value** | Defined by the "R" suffix (often 0 $\Omega$ or specific value) | | **Tolerance** | $\pm 1\%$ to $\pm 5\%$ | | **Operating Temperature** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | | **Power Rating** | 0.1W to 0.125W (Standard for 0603) | --- ### 2. Component Composition Electronic parts like the CRS-C6-R are constructed using multiple layers to ensure conductivity and protection: 1. **Substrate:** Usually high-purity Alumina ($Al_2O_3$) ceramic for heat dissipation. 2. **Resistive Element:** A metal glaze or "thick film" layer. 3. **Protective Coating:** An epoxy or glass overcoat to prevent oxidation and moisture ingress. 4. **Terminations:** Multi-layer end electrodes (usually Tin over Nickel over Silver) for reliable soldering. --- ### 3. Application and Usage Because of its small footprint and reliability, this part is found in: * **Automotive ECUs:** Due to vibration resistance. * **Power Supplies:** Used in feedback loops or current sensing. * **Consumer Electronics:** High-density PCB layouts like smartphones or tablets. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Viking or Bourns), the code usually follows this logic: ```text CRS - C - 6 - R | | | | | | | +-- Resistance/Packaging (e.g., Reel) | | +------ Case Size (0603) | +---------- Temperature Coefficient or Tolerance +--------------- Series (Anti-Surge/Thick Film) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 'R' suffix in this specific manufacturer's datasheet?
    • ⤷ Can this component be used in high-voltage surge applications?
    • ⤷ What are the recommended soldering profiles for 0603 chip resistors?