công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CRL1206-FU-R020ELF

  • AI
    The **CRL1206-FU-R020ELF** is a high-power, low-resistance chip resistor manufactured by Bourns. It is part of the CRL series, designed specifically for current sensing and power management applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific characteristics of the component: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | CRL | Chip Resistor Low Ohmic | | **Size** | 1206 | 12 x 06 (3.2mm x 1.6mm) Imperial footprint | | **Tolerance** | F | ±1% (Precision) | | **Temperature Coeff.** | U | ±200 ppm/°C | | **Resistance** | R020 | 0.020 Ohms (20 mΩ) | | **Termination** | E | Cu/Ni/Sn (Lead-free) | | **Packaging** | LF | RoHS Compliant / Tape & Reel | --- ### 2. Key Technical Specifications These parameters define the electrical boundaries of the component: * **Resistance Value:** 0.020 Ω (20 mΩ). * **Power Rating:** 0.25 Watts (1/4 W) at 70°C. * **Operating Temperature Range:** -55°C to +125°C. * **Maximum Working Voltage:** $\sqrt{P \times R}$ (determined by power rating and resistance). * **Construction:** Thick film element on a ceramic substrate. --- ### 3. Applications and Use Cases Because this resistor has a very low ohmic value, it is primarily used as a **Shunt Resistor** for current sensing. #### Common Circuits: * **Battery Management Systems (BMS):** Measuring charge/discharge cycles. * **DC-DC Converters:** Monitoring output current for overcurrent protection. * **Motor Control:** Detecting phase current to regulate speed and torque. * **Power Supplies:** Feedback loops to stabilize output current. --- ### 4. Implementation Example In a typical current-sensing circuit, you place this resistor in series with the load. By measuring the voltage drop ($V$) across the resistor using an Operational Amplifier, you can calculate the current ($I$) using Ohm's Law: ```python # Simple Python calculation for Voltage Drop resistance = 0.020 # Ohms current = 5.0 # Amps voltage_drop = current * resistance print(f"Voltage Drop: {voltage_drop} Volts") # Result: 0.1V (100mV) ```
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to thick film for low-ohmic resistors?
    • ⤷ How does the temperature coefficient affect the accuracy of current sensing?
    • ⤷ What is the recommended PCB pad layout for 1206 resistors to ensure heat dissipation?