CRE2512-R008
AI

## Technical Overview of CRE2512-R008
The **CRE2512-R008** is a high-power, low-resistance surface mount resistor, typically manufactured by companies like **Bourns**. It is categorized as a **Current Sense Resistor** (Shunt), specifically designed to measure current by monitoring the voltage drop across it.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.008 $\Omega$ (8 m$\Omega$) |
| **Package Size** | 2512 (Inch) / 6432 (Metric) |
| **Power Rating** | 2 Watts (Standard) / up to 3W (Special conditions) |
| **Tolerance** | $\pm$1% (Common) or $\pm$5% |
| **Temperature Coefficient (TCR)** | $\pm$75 ppm/°C |
| **Material** | Metal Alloy element |
| **Operating Temperature** | -55°C to +170°C |
---
### 2. Functional Characteristics
* **Low Resistance (m$\Omega$):** The 8 m$\Omega$ value allows high currents to pass through with minimal power loss ($P = I^2 \times R$) and minimal heat generation.
* **Kelvin Connection Capability:** While this is a 2-terminal device, its large 2512 pads allow for precise PCB layout designs to minimize measurement errors caused by lead resistance.
* **High Power Dissipation:** The 2512 footprint is physically large enough to dissipate the heat generated during continuous high-current sensing.
* **Stability:** The metal alloy construction ensures the resistance value remains stable even when the component heats up (Low TCR).
---
### 3. Part Number Breakdown
The nomenclature typically follows this structure:
| Segment | Meaning |
| :--- | :--- |
| **CRE** | Series Name (High Power Current Sense) |
| **2512** | Package Size (0.25 x 0.12 inches) |
| **R008** | Resistance Value (R denotes decimal: 0.008 Ohms) |
---
### 4. Common Applications
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion battery packs.
2. **Motor Control:** Providing feedback loops for DC motor speed and torque regulation.
3. **Power Supplies:** Over-current protection (OCP) circuits in DC-DC converters.
4. **Industrial Electronics:** Measuring load currents in heavy-duty machinery.
---
- ⤷How do I calculate the maximum current this resistor can handle?
- ⤷ What is the difference between the CRE and CRM series?
- ⤷ Can this resistor be used in automotive applications?