CRE2512-R007
AI

The **CRE2512-R007** is a high-power, surface-mount (SMD) shunt resistor commonly used for current sensing applications. It is manufactured by brands like **Bourns**.
---
### ## Technical Specifications
Below is a breakdown of the core technical parameters for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Resistance Value** | 0.007 Ohms (7 mΩ) |
| **Package Size** | 2512 (6.4 mm x 3.2 mm) |
| **Power Rating** | 2 Watts (at 70°C) |
| **Tolerance** | Typically ±1% (Standard) |
| **Temperature Coefficient (TCR)** | ±75 ppm/°C (Depending on exact series) |
| **Technology** | Metal Alloy / Metal Strip |
| **Operating Temperature** | -55°C to +170°C |
---
### ### Key Features & Components
1. **Metal Strip Construction:**
Unlike standard thick-film resistors, the CRE series uses a solid metal alloy element. This provides superior thermal stability and allows the component to handle high current pulses without degrading.
2. **Low Resistance (R007):**
The "R007" in the part number signifies **0.007 Ω**. This ultra-low resistance is designed to minimize power loss ($P = I^2R$) while providing a measurable voltage drop for a microcontroller or current-sense amplifier.
3. **Low Inductance:**
The flat, SMD metal strip design results in very low parasitic inductance (typically <5 nH), making it ideal for high-frequency switching power supplies.
---
### ### Common Applications
The CRE2512-R007 is primarily found in circuits where monitoring current flow is critical:
* **BMS (Battery Management Systems):** Monitoring charge and discharge cycles in Li-ion packs.
* **Motor Control:** Feedback loops for BLDC or stepper motor drivers.
* **DC-DC Converters:** Sensing output current for overcurrent protection (OCP).
* **Power Inverters:** Used in solar or automotive power electronics.
---
### ### Calculating the Voltage Drop
To use this part in a circuit, you can calculate the voltage output based on the current passing through it ($V = I \times R$):
| Current (I) | Resistance (R) | Voltage Drop (V) | Power Dissipation ($P$) |
| :--- | :--- | :--- | :--- |
| 1 A | 0.007 Ω | 7 mV | 0.007 W |
| 10 A | 0.007 Ω | 70 mV | 0.7 W |
| 16.9 A | 0.007 Ω | ~118 mV | ~2.0 W (Max Rating) |
---
- ⤷
How do I calculate the Kelvin (4-wire) connection layout for this 2512 package?
- ⤷ What are the thermal management best practices for 2W shunt resistors?
- ⤷ What is the difference between the CRE and the CRT series from Bourns?