AI

The **CRE08ROTM1S-R** is a specific model of a **Rotary Coded Switch** manufactured by **COPAl Electronics** (now Nidec Components). These components are primarily used to set digital values manually on a circuit board, such as addressing devices or selecting operating modes.
---
### 1. Key Technical Specifications
Below are the primary electrical and mechanical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Code Type** | Real Binary (Binary Coded Decimal - BCD) |
| **Number of Positions** | 8 Positions (0 through 7) |
| **Actuator Style** | Top Actuated / Flat Tool Slot |
| **Mounting Type** | Through-Hole (THT) |
| **Terminal Pitch** | 2.54 mm (Standard) |
| **Voltage Rating** | 50V DC (Non-switching) / 5V DC (Switching) |
| **Current Rating** | 100mA (Non-switching) / 20mA (Switching) |
| **Operating Temp** | -25°C to +70°C |
---
### 2. Physical Construction
The part is designed for durability and ease of integration into industrial or consumer electronics.
* **Rotor:** The "ROT" in the part number indicates a rotary mechanism. It usually has a small slot that can be turned using a flat-head screwdriver.
* **Housing:** Typically made of high-temperature plastic (PBT or PPS) to withstand soldering processes.
* **Sealing:** The "-R" suffix often indicates **RoHS compliance** and, depending on the specific series revision, a "washable" construction (sealed with an O-ring) to protect against flux during soldering.
---
### 3. Pin Configuration & Logic
As a **Real Binary** 8-position switch, it translates the physical position of the dial into a 3-bit binary output across its pins.
* **Common Pin (C):** The input voltage or ground source.
* **Output Pins (1, 2, 4):** These pins represent bits $2^0$, $2^1$, and $2^2$.
* **Truth Table Example:**
* Position 0: All pins Open (000).
* Position 1: Pin 1 Closed (001).
* Position 3: Pins 1 and 2 Closed (011).
* Position 7: Pins 1, 2, and 4 Closed (111).
---
### 4. Common Applications
* **Address Setting:** Used in RS-485 or CAN bus nodes to give each device a unique ID (0-7).
* **Configuration:** Selecting internal hardware modes without needing a digital interface or software menu.
* **Industrial Controls:** Setting timers, limit thresholds, or channel selection on PLCs and sensors.
---
### 5. Part Number Breakdown
While manufacturer codes vary slightly, the CRE series generally follows this logic:
* **CRE:** Series name (Coded Rotary Electronics).
* **08:** Number of positions (8).
* **R:** Real Code (vs. Complementary Code).
* **OT:** Top Actuated.
* **M1:** Lead shape / terminal style (Through-hole).
* **S:** Sealed structure.
* **-R:** RoHS Compliant.
- ⤷
What is the difference between Real Code and Complementary Code in rotary switches?
- ⤷ How do you interface this switch with a microcontroller like an Arduino?
- ⤷ Are there surface-mount (SMD) versions of this specific switch?