CRA2510-JZ-R005ELF
AI

The **CRA2510-JZ-R005ELF** is a high-power, low-resistance chip resistor manufactured by **Bourns**. It is specifically designed for current sensing applications in power electronics.
---
### 1. Part Number Breakdown
The nomenclature reveals the core specifications of the component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CRA2510** | Series/Size | Chip Resistor Array / 2510 Imperial size (approx. 6.4 x 2.5 mm) |
| **J** | Tolerance | ±5% (Standard for high-power shunt resistors) |
| **Z** | Temp. Coefficient | Indicates the TCR (Temperature Coefficient of Resistance) characteristics |
| **R005** | Resistance | 0.005 Ohms (5 mΩ) |
| **E** | Terminations | Lead-free (RoHS compliant) |
| **LF** | Suffix | Lead-free |
---
### 2. Key Technical Specifications
This part is a **Metal Plate Shunt Resistor**, built to handle significant current without excessive heat buildup.
* **Resistance:** 5 mΩ (0.005 Ω).
* **Power Rating:** Typically 1W or 1.5W (depending on the specific sub-series and thermal management).
* **Temperature Coefficient (TCR):** Usually low (±75 ppm/°C or ±100 ppm/°C) to ensure accuracy across varying temperatures.
* **Operating Temperature:** Typically -55°C to +155°C.
* **Construction:** Metal alloy resistive element for high stability and low noise.
---
### 3. Core Functions & Applications
Because the resistance is extremely low (5mΩ), this part is not used for current limiting, but rather for **Current Measurement**.
#### Typical Uses:
* **Current Sensing:** Measuring the voltage drop across the resistor ($V = I \times R$) to determine the current flowing through a circuit.
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles.
* **DC-DC Converters:** Controlling output power and providing over-current protection.
* **Motor Control:** Detecting phase currents in industrial or automotive drives.
---
### 4. Advantages
* **High Power Density:** The 2510 package allows for significant power dissipation in a relatively small footprint.
* **Inductance:** Being a metal plate resistor, it has very low self-inductance, making it suitable for high-frequency switching applications.
* **Durability:** High thermal shock resistance and stability under load.
- ⤷
What are the PCB layout recommendations for 5mΩ current sense resistors?
- ⤷ How does the power rating change if the ambient temperature exceeds 70°C?
- ⤷ Can this resistor be used in AEC-Q200 automotive applications?