CRA2010-FZ-R020ELF
AI

The **CRA2010-FZ-R020ELF** is a high-power, low-resistance chip resistor manufactured by **Bourns**. It belongs to the CRA series, which is specifically designed for current sensing applications where precision and heat dissipation are critical.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Bourns |
| **Resistance Value** | 20 mΩ (0.020 Ohms) |
| **Tolerance** | ±1% (F) |
| **Power Rating** | 1 Watt |
| **Case Size (Imperial)** | 2010 |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Technology** | Thick Film |
| **Operating Temperature** | -55°C to +155°C |
---
### Key Characteristics
#### 1. Current Sensing Capability
Because the resistance is extremely low (20 mΩ), this component is used to measure current flow. By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller or sensing IC can calculate the current ($I$) without significantly affecting the circuit's performance.
#### 2. 2010 Package Size
The "2010" designation refers to the physical dimensions:
* **Length:** 5.00 mm
* **Width:** 2.50 mm
This larger footprint compared to standard 0805 or 1206 resistors allows it to dissipate **1 Watt** of heat effectively.
#### 3. Composition and Build
* **Thick Film:** It uses a metal glaze layer on a ceramic substrate.
* **RoHS Compliant:** The "LF" suffix indicates it is Lead-Free and environmentally compliant.
* **Terminations:** Usually features a matte tin finish over a nickel barrier to prevent leaching during soldering.
---
### Common Applications
* **Power Management:** DC-DC converters and battery management systems (BMS).
* **Motor Control:** Detecting over-current conditions in small motors.
* **Consumer Electronics:** Laptop power adapters and fast-charging circuits.
* **Industrial:** Power supply monitoring and load detection.
---
### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **CRA2010** | Series Name and Package Size (2010) |
| **FZ** | Tolerance (F = ±1%) and TCR (Z = ±100 ppm/°C) |
| **R020** | Resistance Value (R acts as decimal: 0.020Ω) |
| **E** | Embossed Plastic Tape Packaging |
| **LF** | Lead-Free (RoHS Compliant) |
- ⤷
What are the main differences between thick film and metal strip current sense resistors?
- ⤷ How do I calculate the maximum current this resistor can handle based on its 1W rating?
- ⤷ What are the recommended PCB landing patterns for a 2010 size resistor to ensure heat dissipation?