CPLE-2-50TR-R
AI

The **CPLE-2-50TR-R** is a high-performance **Directional Coupler** manufactured by Eaton (formerly Coiltronics/Bussmann). It belongs to the CPLE family of components designed specifically for high-frequency signal monitoring and power management.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Directional Coupler |
| **Operating Frequency Range** | 700 MHz to 3.0 GHz |
| **Coupling Factor** | 20 dB (Typical) |
| **Power Rating** | Up to 50W |
| **Impedance** | 50 Ohms |
| **Package / Case** | Surface Mount (SMD) |
| **Number of Ports** | 4-Port Configuration |
---
### 2. Functional Characteristics
A directional coupler like the CPLE-2-50TR-R is a passive device used to sample a specific amount of electromagnetic power moving in a transmission line.
* **Coupling:** It "taps" into the main signal path with minimal loss (Insertion Loss) to provide a sample of the signal for measurement.
* **Directionality:** It is designed to distinguish between forward and reflected waves. This is crucial for calculating the **VSWR** (Voltage Standing Wave Ratio).
* **Isolation:** High isolation ensures that signals from the coupled port do not interfere with the input port significantly.
---
### 3. Physical Construction & Packaging
* **SMD Design:** The "TR" in the part number indicates **Tape and Reel** packaging, designed for automated high-speed pick-and-place assembly.
* **Robustness:** These parts are built to handle high thermal loads, making them suitable for power amplifier stages where heat dissipation is a factor.
* **Lead-Free:** The "-R" suffix denotes **RoHS compliance**, meaning the part is lead-free and environmentally friendly.
---
### 4. Common Applications
The CPLE-2-50TR-R is typically found in the RF (Radio Frequency) front-end of communication hardware:
1. **Power Monitoring:** Measuring the output power of a transmitter to ensure it stays within legal or functional limits.
2. **Antenna Tuning:** Detecting reflected power to identify if an antenna is mismatched or damaged.
3. **Signal Leveling:** Providing feedback loops to Automatic Gain Control (AGC) circuits.
4. **Base Stations:** Used extensively in cellular infrastructure (LTE, 5G sub-6GHz) and Wi-Fi routing hardware.
- ⤷
What is the difference between insertion loss and coupling loss in this device?
- ⤷ How does the coupling factor change across the 700MHz to 3GHz frequency range?
- ⤷ Can this coupler be used in bidirectional power measurement applications?