công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CPCI-R6111

  • AI
    The **CPCI-R6111** is a high-performance, Rear Transition Module (RTM) designed specifically for CompactPCI (cPCI) systems. It serves as an interface bridge, extending the I/O capabilities of a front-mounted CPU board to the rear of the chassis. --- ### 1. Key Electronic Components and Specifications The architecture of the CPCI-R6111 is centered around high-speed signal routing and robust connectivity. | Feature | Specification | Description | | :--- | :--- | :--- | | **Form Factor** | 6U CompactPCI | Standard 6U height, specifically for RTM slots. | | **Interface Type** | PICMG 2.0 / 2.3 | Compliant with standard cPCI bus specifications. | | **Network Controllers** | Intel® Ethernet Controllers | Typically utilizes high-speed PHYs for Gigabit Ethernet ports. | | **Storage Connectors** | SATA / SAS | Provides direct pathways for high-speed data storage. | | **Signal Conditioning** | Differential Pair Routing | Controlled impedance for high-speed USB and Ethernet signals. | --- ### 2. Physical and Logical Interfaces The electronic layout is divided between the **Rear Panel I/O** (accessible to the user) and the **Internal Headers** (for internal chassis connections). #### Rear Panel Connectors: * **Ethernet:** Usually 2x 10/100/1000Base-T ports (RJ45). * **USB:** Multiple USB 2.0/3.0 ports for peripherals. * **Serial:** COM/RS-232 ports for debugging or legacy communication. * **Video:** VGA or DVI/DisplayPort outputs depending on the specific revision. #### Internal/On-board Components: * **SATA Connectors:** On-board ports to connect local HDD/SSD drives. * **CompactFlash/CFAST Slot:** Some variants include a socket for solid-state boot drives. * **EEPROM:** Stores board identification data and configuration settings for the system BIOS. --- ### 3. Electronic Architecture Diagram The following represents the flow of signals through the R6111: ```mermaid graph LR A[Front CPU Board] -- J3/J4/J5 Backplane --> B[CPCI-R6111 RTM] B --> C[USB / Serial Ports] B --> D[Gigabit Ethernet PHY] B --> E[SATA Storage] B --> F[VGA/Video Output] ``` --- ### 4. Critical Design Considerations * **Hot Swapping:** The board includes circuitry to support PICMG 2.1 Hot Swap specifications, allowing the board to be replaced without powering down the entire system. * **Power Distribution:** It draws power from the backplane (3.3V, 5V, and 12V rails) and uses local LDO (Low Dropout) regulators to provide stable voltages for on-board chips. * **EMI Shielding:** The front plate and PCB edges are designed with conductive gaskets to minimize electromagnetic interference in rugged environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific compatible front-end CPU boards for the CPCI-R6111?
    • ⤷ Does the CPCI-R6111 support SATA 3.0 speeds?
    • ⤷ What is the operating temperature range for this specific RTM?