công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CP-RJ45

  • AI
    The **CP-RJ45** typically refers to a **RJ45 Coupler** or **Connector Plug** designed for Ethernet connectivity. In electronic terms, these parts are passive components used to maintain signal integrity across network cables. ### 1. Key Electronic Components The CP-RJ45 assembly consists of several critical parts that ensure high-speed data transmission: | Component | Material / Property | Function | | :--- | :--- | :--- | | **Contacts (Pins)** | Phosphor Bronze with Gold Plating | Ensures low resistance and prevents oxidation at the connection point. | | **Housing** | ABS or Polycarbonate (UL 94V-0) | Provides structural integrity and flame retardancy. | | **Shielding** | Nickel-plated Copper/Brass | (In STP versions) Protects against EMI/RFI interference. | | **PCB (Internal)** | FR-4 Multilayer | Used in couplers to route signals between two female ports while minimizing crosstalk. | --- ### 2. Technical Specifications When dealing with CP-RJ45 parts, the electronic performance is categorized by its "Category" rating (Cat5e, Cat6, or Cat6a). * **Contact Resistance:** Typically $< 20 m\Omega$. * **Insulation Resistance:** Typically $> 500 M\Omega$ at 500V DC. * **Dielectric Withstanding Voltage:** 1000V AC RMS, 60Hz/1min. * **Mating Cycles:** Designed for a minimum of 750 insertions. --- ### 3. Pinout Configuration (T568A/B) The electronic routing inside the connector follows standard networking protocols. Below is the typical pinout used in these electronic parts: ```text Pin 1: White/Orange (TX+) Pin 2: Orange (TX-) Pin 3: White/Green (RX+) Pin 4: Blue (Data) Pin 5: White/Blue (Data) Pin 6: Green (RX-) Pin 7: White/Brown (Data) Pin 8: Brown (Data) ``` --- ### 4. Types of CP-RJ45 Parts 1. **Inline Couplers:** Female-to-female connectors used to extend two Ethernet cables. 2. **Keystone Jacks:** Modular parts used in wall plates or patch panels. 3. **Shielded (STP) vs. Unshielded (UTP):** Shielded parts include a metal "can" or wrap to ground the drain wire of the cable, essential for environments with high electronic noise.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Cat6 and Cat6a CP-RJ45 couplers?
    • ⤷ How does gold plating thickness affect the lifespan of an RJ45 connector?
    • ⤷ Can CP-RJ45 parts be used for Power over Ethernet (PoE) applications?