công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CONSMA005-R58

  • AI
    ## Electronic Analysis of CONSMA005-R58 The **CONSMA005-R58** is a specialized high-frequency connector designed for RF (Radio Frequency) applications. It is part of the CONREVSMA series manufactured by Linx Technologies (now part of TE Connectivity). ### 1. Technical Specifications The following table outlines the key electronic and mechanical properties of this component: | Property | Specification | | :--- | :--- | | **Connector Type** | SMA Female (Reverse Polarity) | | **Mounting Type** | Cable Mount (Crimp) | | **Impedance** | 50 $\Omega$ (Standard for RF) | | **Frequency Range** | 0 to 12.4 GHz | | **Cable Compatibility** | RG-58, LMR-195 | | **Body Material** | Brass (Gold or Nickel Plated) | | **Contact Material** | Beryllium Copper (Gold Plated) | | **Dielectric** | PTFE (Teflon) | --- ### 2. Key Electronic Features #### A. Reverse Polarity (RP-SMA) Unlike a standard SMA connector, a **Reverse Polarity SMA** swaps the center pin configuration. * **Standard SMA Female:** Has a socket (hole) and outside threads. * **RP-SMA Female (CONSMA005-R58):** Has a **male pin** center contact despite having outside threads. * *Purpose:* This was originally designed to prevent consumers from attaching high-gain professional antennas to consumer-grade Wi-Fi equipment. #### B. Impedance Matching The part is engineered for a **50 Ohm impedance**. In high-frequency electronics, impedance matching is critical to minimize **VSWR (Voltage Standing Wave Ratio)**. If the impedance is not matched, signals reflect back to the source, potentially damaging the transmitter or causing signal loss. #### C. Frequency Handling With a rating up to **12.4 GHz**, this part is suitable for: * Wi-Fi 2.4GHz and 5GHz bands. * Bluetooth and Zigbee applications. * Cellular (4G/LTE/5G) and GPS signals. --- ### 3. Assembly and Integration The "R58" suffix indicates that this connector is specifically sized for **RG-58** coaxial cables. This involves a three-part assembly process: 1. **The Body:** Screws onto the mating connector. 2. **The Center Pin:** Soldered or crimped onto the center conductor of the coax cable. 3. **The Ferrule:** A metal sleeve crimped over the cable braid to ensure a secure ground connection and mechanical strain relief.
    ✨ Follow-up Questions
    • ⤷ What is the difference between RG-58 and LMR-195 cable compatibility for this connector?
    • ⤷ How do I calculate the signal loss (attenuation) when using this connector at 5GHz?
    • ⤷ What specific crimp tool sizes are required for the CONSMA005-R58 ferrule?