CONREVSMA007-R178
AI

## CONREVSMA007-R178 Technical Overview
The **CONREVSMA007-R178** is a specialized RF (Radio Frequency) connector manufactured by **Linx Technologies** (now part of TE Connectivity). It is a **Reverse Polarity SMA (RP-SMA)** female jack designed for edge-mounting on printed circuit boards (PCBs).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RP-SMA (Reverse Polarity SMA) |
| **Gender** | Jack (Female Socket) |
| **Mounting Type** | PCB Edge Mount |
| **Impedance** | 50 $\Omega$ |
| **Frequency Range** | 0 to 18 GHz |
| **Body Material** | Brass |
| **Body Finish** | Gold Plating |
| **Contact Material** | Beryllium Copper |
| **Dielectric** | PTFE (Teflon) |
---
### 2. Physical Design & "Reverse Polarity"
The most critical aspect of this part is the **RP-SMA** configuration. In standard SMA connectors, the Female jack has a socket. In **Reverse Polarity**, the physical threading remains the same, but the center pin configuration is swapped:
* **RP-SMA Female:** Has external threads and a **male center pin**.
* **RP-SMA Male:** Has internal threads and a **female center socket**.
This was originally designed to prevent consumers from connecting high-gain professional antennas to consumer-grade Wi-Fi equipment.
---
### 3. Application and Usage
* **Wi-Fi/WLAN:** Standard connector for 2.4GHz and 5GHz wireless networking hardware.
* **IoT Devices:** Used in LoRa, Sigfox, and Zigbee gateways.
* **PCB Edge Mounting:** The "R178" designation refers to the specific leg spacing designed to "sandwich" the edge of a PCB, typically for boards with a thickness of roughly 1.57mm (0.062").
---
### 4. Component Layout (Footprint Example)
When designing a PCB for this part, the landing pads are usually configured as follows:
```markdown
Top Side PCB
[ Signal Pad ] <--- Center Pin
---------------------------
Bottom Side PCB
[ Ground Pad ] <--- Structural Legs
```
---
- ⤷
What is the difference between standard SMA and RP-SMA in terms of signal performance?
- ⤷ What is the recommended PCB thickness for the CONREVSMA007-R178?
- ⤷ Does this connector require specialized soldering techniques for 18GHz applications?