công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • COBALT-RSSD

  • AI
    The **COBALT-RSSD** (Ruggedized Solid State Drive) is a high-performance storage solution designed by **Curtiss-Wright**. It is engineered for harsh aerospace and defense environments where standard commercial SSDs would fail due to vibration, extreme temperatures, or data security requirements. --- ### Key Electronic Components and Architecture The electronics within a COBALT-RSSD are categorized into three main layers: storage media, controller logic, and the ruggedized interface. | Component Layer | Electronic Details | Function | | :--- | :--- | :--- | | **Storage Media** | SLC (Single-Level Cell) or pSLC NAND Flash | Provides high endurance and data retention in extreme heat. | | **Controller** | Specialized PCIe/NVMe or SATA Controller | Manages wear leveling, error correction (ECC), and bad block management. | | **Protection Circuitry** | Tantalum or Polymer Capacitors | Provides "Power Fail Protection" (hold-up time) to prevent data corruption during sudden power loss. | | **Security Module** | AES-256 Encryption Engine | Hardware-based encryption that meets FIPS 140-2 requirements. | | **Physical Interface** | MIL-DTL-38999 Connectors | Circular, ruggedized pins that ensure signal integrity under high vibration. | --- ### Technical Specifications of Electronic Parts The electronic design focuses on "SWaP-C" (Size, Weight, Power, and Cost) optimization for tactical platforms. #### 1. Power Management Unlike consumer drives, the COBALT-RSSD electronics are designed to handle "dirty" power common in military vehicles. * **Input Protection:** Integrated EMI filtering and surge protection. * **Voltage Regulation:** High-efficiency DC-DC converters to manage internal rail voltages from a standard 28VDC vehicle supply. #### 2. Thermal Management Electronics The PCB (Printed Circuit Board) often utilizes: * **Thermally Conductive Materials:** Internal heat spreaders to move heat from the controller to the outer ruggedized chassis. * **Thermal Sensors:** Integrated monitors that trigger "Thermal Throttling" to prevent the NAND flash from reaching critical failure temperatures. #### 3. Data Integrity & Sanitization The electronic logic includes dedicated "Purge" and "Destroy" circuits: * **Fast Erase:** A hardware-triggered signal that initiates a global erase of all NAND cells. * **Sanitization:** Compliance with NSA/CSS 9-12 and military declassification standards via software-hardware handshakes. --- ### Interface & Connectivity The electronic communication protocol usually follows these standards: * **NVMe (PCIe Gen3):** For high-speed data recording and low latency. * **SATA III:** For legacy system compatibility. * **High-Speed Signal Integrity:** The PCB traces are impedance-matched to ensure no data loss over the ruggedized circular connectors.
    ✨ Follow-up Questions
    • ⤷ What are the specific vibration standards (e.g.
    • ⤷ MIL-STD-810) that these electronic components must meet?
    • ⤷ How does the hardware-based 'Secure Erase' function differ from a software delete?
    • ⤷ What is the maximum storage capacity currently available for the COBALT-RSSD series?