CMT1-3-R
AI

The **CMT1-3-R** is a high-performance, surface-mount (SMT) common mode choke manufactured by **Coiltronics (now a brand of Eaton)**. It is primarily designed to suppress electromagnetic interference (EMI) and noise in power supply and data line applications.
---
## 1. Technical Specifications
The CMT1-3-R belongs to the CMT series, known for high current capacity and compact footprints.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 3.0 mH (Typical) |
| **Rated Current** | ~1.6 Amps |
| **DCR (Direct Current Resistance)** | ~0.160 Ohms (Maximum) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package/Case** | CMT1 Horizontal/Low Profile |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Electronic Features
### A. Core Material and Construction
* **Toroidal Core:** It utilizes a ferrite toroid core which offers high efficiency and low magnetic radiation (stray flux), preventing interference with adjacent components.
* **Dual Winding:** The device consists of two identical coils wound on a single core. These coils are phased to cancel out common-mode noise while allowing differential-mode signals to pass.
### B. Common Mode Suppression
The primary electronic function is to provide **high impedance** to common-mode currents (noise flowing in the same direction on both lines) while providing **low impedance** to the intended differential-mode current (the power/signal).
### C. Environmental Compliance
* **RoHS Compliant:** The "-R" suffix in the part number indicates that the component is lead-free and meets RoHS standards.
* **Thermal Stability:** Rated for industrial temperature ranges, making it suitable for automotive and industrial power modules.
---
## 3. Typical Applications
The CMT1-3-R is commonly integrated into the following circuits:
1. **Switch Mode Power Supplies (SMPS):** Used in the input filter stage to prevent switching noise from feeding back into the AC line.
2. **DC-DC Converters:** Suppresses high-frequency noise generated by high-speed switching transistors.
3. **Solar Inverters:** Filters EMI in renewable energy power conversion systems.
4. **EV Charging:** Used in onboard chargers for electric vehicles to maintain electromagnetic compatibility (EMC).
---
## 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **CMT** | Series Name (Common Mode Toroid) |
| **1** | Size/Body Dimension Code |
| **3** | Inductance Identifier (3.0 mH) |
| **-R** | RoHS Compliant |
- ⤷
What is the footprint size of the CMT1 package compared to CMT2?
- ⤷ How does the CMT1-3-R handle saturation current under high load?
- ⤷ Are there through-hole alternatives to the CMT1-3-R?