CMLE051E-R47MS
AI

### Analysis of the CMLE051E-R47MS Electronic Component
The **CMLE051E-R47MS** is a high-performance, low-profile **Power Inductor** (specifically a molded power choke) manufactured by **Cyntec**. It is designed for high-density DC-DC converter applications where space and efficiency are critical.
---
### 1. Technical Specifications
Below is a breakdown of the electrical and physical characteristics:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.47 µH | The nominal inductance value. |
| **Tolerance** | ±20% (M) | Allowable deviation from nominal inductance. |
| **DC Resistance (Max)** | ~5.5 mΩ | Internal resistance (DCR) affecting heat/efficiency. |
| **Saturation Current** | ~14 - 16 A | Current at which inductance drops by 30%. |
| **Heat Rating Current** | ~11 - 13 A | Current that causes a 40°C temperature rise. |
| **Dimensions** | 5.4 x 5.2 x 1.5 mm | Small footprint (051E series). |
| **Construction** | Metal Alloy | Molded powder for high saturation and low EMI. |
---
### 2. Part Number Deciphering
To understand the specific features, we can break down the part number:
* **CML**: Series code (Cyntec Molded Low-profile inductor).
* **E**: Material type (likely optimized for specific frequency ranges).
* **051E**: Package size (approx. 5.4 x 5.2 mm with a 1.5 mm height).
* **R47**: Inductance value (R47 = 0.47 µH).
* **M**: Tolerance (M = ±20%).
* **S**: Special code or suffix for standard/shielded specifications.
---
### 3. Key Features & Applications
#### Features
* **Shielded Construction:** The molded metal powder body acts as a natural magnetic shield, significantly reducing Electromagnetic Interference (EMI).
* **High Saturation:** Unlike ferrite inductors, these have a "soft" saturation curve, meaning they don't lose performance suddenly under high current loads.
* **Low Profile:** The "E" height (1.5mm) makes it suitable for slim devices like smartphones and tablets.
#### Common Applications
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
2. **Mobile Devices:** Power management in smartphones, tablets, and wearable tech.
3. **DC/DC Converters:** High-frequency switching power supplies.
4. **Automotive Electronics:** Infotainment and ADAS sensors (if AEC-Q200 qualified).
---
### 4. Comparison with Standard Inductors
Compared to traditional wire-wound ferrite inductors, the **CMLE series** offers:
1. **Higher Current Density:** Handles more Amps in a smaller package.
2. **Better Thermal Stability:** Performs more consistently across a wide temperature range.
3. **Lower Acoustic Noise:** The molded structure reduces "coil whine" caused by magnetostriction.
- ⤷
What is the maximum operating temperature for the CMLE051E series?
- ⤷ How does the saturation current of metal alloy inductors compare to ferrite core inductors?
- ⤷ What are the recommended footprint dimensions for PCB soldering?