CMH322522-R82ML
AI

## Technical Overview of CMH322522-R82ML
The **CMH322522-R82ML** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-reliability electronic circuits, typically used for signal filtering, resonance, and decoupling in telecommunication and consumer electronics.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code reveals the specific physical and electrical properties:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **Series** | CMH | High-frequency wire-wound chip inductor |
| **Size Code** | 322522 | Dimensions: 3.2mm x 2.5mm x 2.2mm (EIA 1210) |
| **Inductance** | R82 | 0.82 microhenries ($\mu$H) |
| **Tolerance** | M | ±20% |
| **Termination** | L | Lead-free (RoHS compliant) |
---
### 2. Key Electrical Specifications
Based on standard industry data for the 3225 series, here are the typical performance parameters:
* **Inductance:** $0.82 \mu H$
* **Tolerance:** $\pm 20\%$ (M)
* **Quality Factor (Q):** Typically 30 minimum (at test frequency).
* **Self-Resonant Frequency (SRF):** High SRF (usually >250 MHz), making it suitable for high-frequency applications.
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation (approx. 0.30 - 0.50 $\Omega$).
* **Rated Current:** The maximum DC current it can handle without overheating or saturating (approx. 400mA - 600mA).
---
### 3. Construction and Materials
The component is built using a **wire-wound** architecture:
1. **Core Material:** Usually a Ferrite or Ceramic core depending on the frequency target.
2. **Winding:** Fine copper wire wound around the core to achieve precise inductance.
3. **Encapsulation:** Molded resin or epoxy coating provides mechanical strength and environmental protection.
4. **Terminations:** Tin-plated (Sn) electrodes for excellent solderability.
---
### 4. Common Applications
Due to its 1210 footprint and stability, it is commonly found in:
* **RF Circuits:** Matching networks and high-frequency filters.
* **DC/DC Converters:** Small power supply modules for mobile devices.
* **EMI Suppression:** Filtering noise in signal lines.
* **Consumer Electronics:** Hard drives, digital cameras, and GPS modules.
---
- ⤷
What is the difference between a ferrite core and a ceramic core for this inductor size?
- ⤷ How does the 'M' tolerance impact circuit performance compared to a 'K' tolerance?
- ⤷ Can this inductor be used in high-temperature automotive environments?