CM453232-R15M
AI

## CM453232-R15M: Component Specifications
The **CM453232-R15M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for signal processing and power management.
---
### 1. Key Technical Specifications
The part number itself acts as a code for its primary electrical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.15 µH | The "R15" denotes 0.15. |
| **Tolerance** | ±20% | The "M" suffix indicates a 20% tolerance range. |
| **Case Size (Metric)** | 4532 | 4.5mm x 3.2mm dimensions. |
| **Case Size (Imperial)** | 1812 | Equivalent to 0.18 x 0.12 inches. |
| **Rated Current** | ~450 mA | The maximum DC current the inductor can handle. |
| **DC Resistance (DCR)** | ~0.44 Ω Max | The resistance of the internal wire coil. |
| **SRF** | 450 MHz | Self-Resonant Frequency (minimum). |
---
### 2. Breakdown of the Part Number
* **CM**: Series prefix (typically denotes Wire-wound Chip Inductor).
* **453232**: Physical dimensions ($L \times W \times T$). 4.5mm length, 3.2mm width, 3.2mm thickness.
* **R15**: Inductance value. The "R" acts as a decimal point ($R15 = 0.15$ microhenries).
* **M**: Tolerance code ($M = \pm 20\%$).
---
### 3. Construction and Material
* **Core Material:** Usually a Ferrite core which provides high permeability.
* **Termination:** Tin-plated (Sn) over nickel (Ni) barrier for excellent solderability.
* **Encapsulation:** Molded resin or epoxy for protection against environmental factors and mechanical stress.
---
### 4. Applications
This specific inductor is generally found in:
1. **Communication Equipment:** Mobile phones, base stations, and RF modules.
2. **Consumer Electronics:** Televisions, VCRs, and digital cameras.
3. **Power Circuits:** Used for noise filtering and decoupling in DC/DC converters.
---
- ⤷
What is the difference between this part and a 'shielded' inductor?
- ⤷ How does the SRF impact the performance of this inductor in high-frequency circuits?
- ⤷ Can this component be replaced by a 0.15 uH inductor in a smaller 0805 package?