CM201212-R33KL
AI

The **CM201212-R33KL** is a specific type of surface-mount electronic component, specifically a **Fixed Inductor**. It is widely used in high-frequency circuits for signal processing and noise filtering.
Below is a detailed breakdown of its specifications and characteristics based on the part number nomenclature.
### 1. Part Number Deciphering
The part number follows a standard convention used by manufacturers like Bourns or Walsin:
| Segment | Meaning | Value / Detail |
| :--- | :--- | :--- |
| **CM** | Series Type | Chip Multi-layer Inductor |
| **201212** | Dimensions (LxWxH) | 2.0 x 1.25 x 1.25 mm (EIA 0805 Case Size) |
| **R33** | Inductance Value | 0.33 µH (Microhenries) |
| **K** | Tolerance | ±10% |
| **L** | Termination/Packaging | Lead-free (RoHS Compliant) |
---
### 2. Technical Specifications
These components are typically built using multi-layer ceramic technology to achieve high reliability in a small footprint.
* **Inductance:** 330 nH (0.33 µH)
* **Case Size:** 0805 (Metric 2012)
* **Self-Resonant Frequency (SRF):** Typically high (approx. 250-400 MHz), making it suitable for high-frequency applications.
* **DC Resistance (DCR):** Usually low to minimize power loss.
* **Rated Current:** Generally in the range of 100mA to 300mA (depending on the specific manufacturer datasheet).
* **Operating Temperature:** Typically -55°C to +125°C.
---
### 3. Key Applications
Because of its multi-layer construction and 0.33 µH value, this inductor is commonly found in:
1. **Mobile Devices:** Used in smartphones and tablets for RF (Radio Frequency) matching circuits.
2. **EMI Suppression:** Filtering high-frequency noise in signal lines.
3. **WLAN/Bluetooth Modules:** Ensuring signal integrity in wireless communication modules.
4. **Decoupling:** Used in conjunction with capacitors to prevent noise from entering sensitive IC power pins.
---
### 4. Comparison Table: Multi-layer vs. Wire-wound
The CM201212 is a **multi-layer** inductor. Here is how it compares to other types:
| Feature | Multi-layer (CM201212) | Wire-wound |
| :--- | :--- | :--- |
| **Size** | Very Small / Low Profile | Larger |
| **Q Factor** | Moderate | High |
| **Current Handling** | Lower | Higher |
| **Cost** | Economical | More Expensive |
| **Magnetic Shielding**| Excellent (Self-shielded) | Poor (unless shielded version) |
---
- ⤷
What are the equivalent alternative part numbers for the CM201212-R33KL?
- ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
- ⤷ What is the maximum current this specific 0805 inductor can handle before saturating?