CM201212-R15KL
AI

The **CM201212-R15KL** is a Surface Mount (SMD) Wire-wound Chip Inductor, typically manufactured by companies like Bourns. It is part of the CM201212 series, designed for high-frequency applications.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CM** | Series Type | Chip Multi-purpose / Wire-wound Inductor |
| **201212** | Dimensions | Physical size: 2.0 x 1.2 x 1.2 mm (Metric 2012 / Imperial 0805) |
| **R15** | Inductance Value | **0.15 µH** (R denotes the decimal point) |
| **K** | Tolerance | **±10%** |
| **L** | Termination | Lead-free (RoHS Compliant) |
---
### 2. Key Technical Specifications
While specific datasheets may vary slightly by manufacturer, these are the standard parameters for this part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.15 µH |
| **Tolerance** | ±10% |
| **Self-Resonant Frequency (SRF)** | ~550 MHz (Minimum) |
| **Quality Factor (Q)** | ~30 (at 25.2 MHz) |
| **DC Resistance (DCR)** | ~0.44 Ohms (Maximum) |
| **Rated Current (I-dc)** | ~300 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Construction and Features
* **Wire-wound Core:** Unlike multilayer inductors, this uses a wire wound around a ceramic or ferrite core. This construction allows for higher Q factors and better current handling.
* **Form Factor:** It follows the **0805 (Imperial)** footprint, making it compatible with standard automated pick-and-place assembly.
* **Durability:** Usually coated with epoxy resin to protect the winding from environmental factors and mechanical stress.
---
### 4. Common Applications
Due to its high resonance and stability, the CM201212-R15KL is frequently used in:
1. **RF Circuits:** Matching networks and filters for mobile phones and Wi-Fi modules.
2. **Signal Conditioning:** Noise suppression in high-speed signal lines.
3. **Consumer Electronics:** Power management circuits for small portable devices where space is limited but high performance is required.
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ How does the Q factor affect the performance of this inductor in RF circuits?
- ⤷ Can this inductor be used for high-power DC-DC conversion?