CM201212-R10KL
AI

The **CM201212-R10KL** is a specific surface-mount device (SMD) electronic component, categorized as a **Chip Inductor**. It is widely used in high-frequency circuits for signal conditioning and noise suppression.
---
### 1. Part Number Deciphering
The part number follows a standardized nomenclature used by manufacturers (like Bourns or TDK) to define its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CM** | Series Type | Chip Multi-layer Inductor (General Purpose) |
| **201212** | Dimensions | Physical size: 2.0mm x 1.25mm x 1.25mm |
| **R10** | Inductance Value | **0.10 µH** (R denotes decimal point) |
| **K** | Tolerance | **±10%** |
| **L** | Packaging/Finish | Usually denotes Lead-Free (RoHS compliant) or Tape & Reel |
---
### 2. Technical Specifications
The electrical performance of this component is defined by its ability to resist changes in current and its behavior at high frequencies.
* **Inductance:** 100 nH (0.10 µH).
* **Case Size:** 0805 (Imperial) or 2012 (Metric).
* **Self-Resonant Frequency (SRF):** Typically very high, allowing it to function effectively in the MHz to GHz range.
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation.
* **Rated Current:** The maximum continuous current the inductor can handle before reaching a specific temperature rise.
---
### 3. Key Applications
Because of its small footprint and high-frequency stability, the CM201212-R10KL is commonly found in:
1. **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth, Wi-Fi, and cellular modules.
2. **Filtering:** Acting as a low-pass filter to block high-frequency noise in power supply lines.
3. **Signal Decoupling:** Preventing interference between different stages of a circuit.
4. **Consumer Electronics:** Mobile phones, tablets, and wearable devices where PCB space is limited.
---
### 4. Comparison with Wire-wound Inductors
Unlike wire-wound inductors, this is a **multi-layer ceramic inductor**.
| Feature | Multi-layer (CM Series) | Wire-wound |
| :--- | :--- | :--- |
| **Size** | Very small and compact | Larger |
| **Cost** | Generally lower | Higher |
| **Q-Factor** | Moderate | High |
| **Current Handling** | Lower | Higher |
- ⤷
What is the maximum rated current for the CM201212-R10KL?
- ⤷ How does the 'Q-factor' affect the performance of this inductor?
- ⤷ What are the soldering profile requirements for 0805 SMD inductors?