CLT32-R15
AI

The **CLT32-R15** is a high-performance power inductor, typically used in DC-DC converters and high-current power supply modules. It belongs to the **CLT series** (often manufactured by companies like Delta Electronics or Eaton/Coiltronics), known for its low profile and high efficiency.
---
## 1. Technical Specifications
The "R15" in the part number signifies its inductance value. Below are the typical specifications for this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.15 µH (150 nH) |
| **Tolerance** | ±20% |
| **DCR (Direct Current Resistance)** | Very Low (typically < 0.5 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (often 40A - 60A+) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 3.2mm x 2.5mm (approx.) |
---
## 2. Key Features
* **High Current Density:** Designed to handle massive amounts of current relative to its small physical footprint.
* **Low Core Loss:** Utilizes advanced ferrite or metal powder materials to ensure minimal energy is wasted as heat during high-frequency switching.
* **Magnetically Shielded:** The construction prevents electromagnetic interference (EMI) from leaking out and affecting surrounding sensitive components.
* **SMD Design:** Surface Mount Device format, compatible with automated pick-and-place assembly.
---
## 3. Applications
The CLT32-R15 is commonly found in modern high-power electronics where space is limited but power requirements are high:
1. **Voltage Regulator Modules (VRMs):** Used on motherboards and server cards to power CPUs and GPUs.
2. **Point-of-Load (POL) Converters:** Decentralized power conversion in telecommunications equipment.
3. **High-speed Networking:** Switches and routers requiring stable, high-current power rails.
4. **Mobile Devices:** High-end tablets or laptops where low-profile components are mandatory.
---
## 4. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature usually follows this logic:
```text
CLT 32 - R15
| | |
| | +-- Inductance Value (R15 = 0.15 microhenries)
| +--------- Physical Size Code (3.2mm footprint class)
+-------------- Series Name (Commonly Delta Electronics series)
```
- ⤷What are the specific footprint dimensions for the CLT32 series?
- ⤷ How does the R15 compare to the R22 in terms of saturation current?
- ⤷ Which manufacturers are the primary suppliers for the CLT32-R15?