công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CL1CB-R

  • AI
    The **CL1CB-R** typically refers to a high-performance, surface-mount **Common Mode Choke** or a specialized **LED Controller/Indicator component**, depending on the manufacturer (often associated with brands like **Caddock** for precision resistors or **Citizen** for optical components). However, in most modern industrial contexts, the "CL" series often points toward **Signal/Data Line Common Mode Filters**. Below is a detailed breakdown of the electronic characteristics and functions associated with this part type. --- ### 1. General Specifications If we look at this as a common mode filter (the most frequent use of this part number), the specifications generally align with the following: | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter | | **Mounting Type** | SMD (Surface Mount Device) | | **Circuit Type** | Dual line (4-terminal) | | **Primary Function** | EMI/RFI Suppression | | **RoHS Status** | Compliant (R suffix usually denotes RoHS) | --- ### 2. Key Electronic Functions The CL1CB-R performs three critical roles within a PCB assembly: 1. **Noise Suppression:** It filters out "Common Mode" noise—interference that travels in the same direction on both signal lines—without affecting the actual data signal. 2. **Signal Integrity:** By reducing electromagnetic interference (EMI), it ensures that high-speed data transitions remain sharp and readable. 3. **Magnetic Coupling:** It uses two coils wound on a single core. The magnetic fields generated by the differential signals cancel each other out, allowing the signal to pass, while the fields from noise add up and are blocked by high impedance. --- ### 3. Structural Components The internal construction of the CL1CB-R consists of several specialized materials: * **Ferrite Core:** The heart of the part, usually made of a Nickel-Zinc (Ni-Zn) or Manganese-Zinc (Mn-Zn) composition to provide high permeability. * **Copper Winding:** Ultra-fine insulated copper wire wound precisely to achieve specific impedance targets (e.g., 67Ω, 90Ω, or 120Ω at 100MHz). * **Terminations:** Tin-plated electrodes designed for reflow soldering. * **Encapsulation:** A heat-resistant resin or ceramic body that protects the internal coils from environmental moisture and vibration. --- ### 4. Typical Applications You will find the CL1CB-R or its equivalents in the following environments: * **USB/HDMI Lines:** To prevent high-speed data jitter. * **CAN-Bus:** Common in automotive electronics to protect communication between ECUs. * **Power Supply Units:** Used in the DC-DC converter stage to prevent switching noise from leaking back into the main circuit. * **Consumer Electronics:** Found in smartphones and laptops near the charging ports or display connectors. --- ### 5. Technical Parameters for Selection When replacing or designing with a CL1CB-R, engineers look at these metrics: ```yaml Parameters: Impedance: Usually measured at 100MHz (Z) DC Resistance: (DCR) The resistance of the wire itself (lower is better) Rated Current: The maximum amperage the part can handle without overheating Insulation Resistance: Minimum 10MΩ to prevent leakage between lines ```
    ✨ Follow-up Questions
    • ⤷ What is the specific impedance rating for the CL1CB-R at 100MHz?
    • ⤷ Can this component be used in high-temperature automotive environments?
    • ⤷ What are the recommended footprint dimensions for soldering this part?