công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CK45-R3FD152K-GRA

  • AI
    ## Technical Overview: CK45-R3FD152K-GRA The **CK45-R3FD152K-GRA** is a high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. It is specifically designed for high-voltage circuits and is widely used in power supplies and lighting ballasts. --- ### 1. Part Number Breakdown Understanding the alphanumeric code reveals the specific characteristics of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CK45** | Series Name | High Voltage Ceramic Disc (Commercial Grade) | | **R3FD** | Temperature Char. | R Characteristic (±15% temp coefficient) | | **152** | Capacitance Value | 1,500 pF (1.5nF) | | **K** | Tolerance | ±10% | | **G** | Voltage Rating | 3kV DC (3000 Volts) | | **RA** | Lead/Packaging | Specific lead style (usually kinked) and bulk/tape info | --- ### 2. Key Technical Specifications Below are the primary electrical and physical parameters for this part: * **Capacitance:** 1,500 pF / 1.5 nF * **Rated Voltage:** 3,000 VDC (3kV) * **Dielectric Material:** Class 2 Ceramic (R Characteristics) * **Operating Temperature Range:** -25°C to +125°C * **Dissipation Factor:** 2.5% Maximum * **Insulation Resistance:** 10,000 MΩ Minimum * **Mounting Type:** Through-Hole (Radial Leads) --- ### 3. Features and Applications #### Main Features * **High Reliability:** Designed to withstand high surges and continuous high-voltage stress. * **Flame Retardant:** The outer coating is typically made of UL94V-0 compliant epoxy resin. * **Compact Size:** High capacitance-to-volume ratio for high-voltage applications. #### Common Applications 1. **Switching Power Supplies:** Used for snubber circuits to protect against voltage spikes. 2. **Lighting Ballasts:** Found in electronic ballast circuits for fluorescent and HID lamps. 3. **CRT Displays:** Used in horizontal resonance circuits. 4. **Voltage Multipliers:** Part of the high-voltage generation stage in medical or industrial equipment. --- ### 4. Comparison with Similar Types | Feature | CK45-R3FD152K | Standard Ceramic Disc | | :--- | :--- | :--- | | **Voltage** | 3,000V | 50V - 500V | | **Stability** | Moderate (Class 2) | High (if Class 1/NP0) | | **Application** | Power/High-V | Signal/Decoupling | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between R and B temperature characteristics in TDK capacitors?
    • ⤷ Can this capacitor be used in AC line-to-ground (Y-capacitor) applications?
    • ⤷ What are the recommended soldering conditions for the CK45 series?