công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CK45-R3FD151K-GRA

  • AI
    ### Overview of CK45-R3FD151K-GRA The **CK45-R3FD151K-GRA** is a high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. It is specifically designed for high-voltage power supply circuits and noise suppression. --- ### Technical Specifications Below are the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 150 pF (Picofarads) | | **Voltage Rating** | 3000V DC (3kV) | | **Tolerance** | ±10% (K code) | | **Temperature Characteristic** | R (Low Dissipation / High Stability) | | **Operating Temperature** | -25°C to +125°C | | **Lead Spacing** | 7.5 mm | | **Lead Type** | Long Straight Lead (G-type) | | **Mounting Type** | Through-Hole | --- ### Part Number Breakdown Understanding the TDK naming convention helps identify the specific features of this part: 1. **CK45**: Series name (High Voltage Ceramic Capacitors). 2. **R3FD**: Refers to the temperature characteristics and voltage rating (3000V). 3. **151**: Capacitance value. The first two digits are significant figures, the third is the multiplier ($15 \times 10^1 = 150$ pF). 4. **K**: Tolerance ($\pm10\%$). 5. **-GRA**: Packaging and lead configuration code (Standard bulk or specific taping). --- ### Key Applications Due to its high voltage rating and ceramic construction, this part is commonly used in: * **Power Supplies:** Snubber circuits for switching power supplies. * **Displays:** Horizontal resonance circuits in CRT monitors or backlighting in LCDs. * **Filtering:** High-voltage noise filtering in industrial equipment. * **Protection:** Surge protection for electronic ballasts and converters. --- ### Comparison with Similar Capacitors | Feature | CK45 (Standard) | CC45 (Temperature Comp) | | :--- | :--- | :--- | | **Dielectric Loss** | Low | Very Low | | **Voltage Range** | Up to 3kV | Up to 6kV | | **Typical Use** | General High Voltage | Precision Timing/Resonance |
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering temperatures for TDK CK45 series capacitors?
    • ⤷ Can this capacitor be used in AC line filter applications?
    • ⤷ What is the equivalent series resistance (ESR) for this specific 150pF model?