CK45-R3AD331KANRA
AI

The part number **CK45-R3AD331KANRA** refers to a high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. These components are typically used in power supply circuits, noise suppression, and ballast circuits.
---
### 1. Part Number Breakdown
To understand the specifications, we can decode the nomenclature provided by TDK:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | CK45 | High Voltage Ceramic Disc (Temperature Linear) |
| **Char.** | R | Temperature Characteristic (Low dissipation factor) |
| **Voltage** | 3A | Rated Voltage: 1kV DC (1000V) |
| **Capacitance** | 331 | 330 pF (33 + one zero) |
| **Tolerance** | K | ±10% |
| **Lead Type** | A | Vertical Kink (Long Lead) |
| **Packaging** | NRA | Taping (Ammo Pack) / RoHS Compliant |
---
### 2. Technical Specifications
Below are the electrical and physical properties of this specific capacitor:
* **Capacitance:** 330 pF
* **Rated Voltage:** 1,000 VDC (1kV)
* **Dissipation Factor:** 0.2% maximum
* **Insulation Resistance:** 10,000 MΩ minimum
* **Operating Temperature:** -25°C to +125°C
* **Dielectric Strength:** 200% of rated voltage for 1 to 5 seconds
* **Material:** Ceramic (Disc type)
---
### 3. Key Applications
Because of its high voltage rating and low dissipation factor, this part is commonly found in:
1. **Switching Power Supplies:** Used for snubber circuits to protect semiconductors from voltage spikes.
2. **Lighting Ballasts:** High-frequency electronic ballasts for fluorescent or HID lamps.
3. **CRT Displays:** In older television sets or monitors for high-voltage regulation.
4. **General Filtering:** Decoupling or bypassing in circuits where high DC voltage is present.
---
### 4. Advantages
* **High Reliability:** Designed to withstand high voltage stresses over long periods.
* **Flame Retardant:** The exterior coating is made of flame-retardant epoxy resin (UL94V-0 compliant).
* **Low Heat Generation:** The "R" characteristic indicates low loss, meaning it generates less heat during high-frequency operation compared to standard ceramic capacitors.
- ⤷
What are the equivalent alternative part numbers from other manufacturers?
- ⤷ Can this capacitor be used in AC line filtering applications?
- ⤷ What is the physical lead spacing for the 'A' type lead configuration?