CK45-R3AD331KAGRA
AI

The part number **CK45-R3AD331KAGRA** refers to a high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. These components are primarily used for noise suppression and energy storage in power supply circuits.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details regarding the capacitor's construction and performance:
| Component Segment | Value | Description |
|:---|:---|:---|
| **Series** | CK45 | High Voltage Ceramic Disc (Commercial Grade) |
| **Temp. Characteristic** | R (Y5P) | Temperature coefficient (±10% capacitance change) |
| **Rated Voltage** | 3A | 1kV DC (1,000 Volts) |
| **Capacitance Code** | 331 | 330 pF (Picofarads) |
| **Capacitance Tolerance** | K | ±10% |
| **Lead Type** | G | Long vertical kink (Lead spacing 5.0mm) |
| **Packaging** | R | Taping (Ammo Pack) |
---
### 2. Key Features
* **High Voltage Reliability:** Designed to withstand surges up to 1kV, making it suitable for industrial and consumer power electronics.
* **Flame Retardant:** The resin coating meets UL94V-0 standards, ensuring the device does not propagate fire in the event of a failure.
* **Lead-Free:** Compliant with RoHS and REACH regulations.
* **Physical Form Factor:** Disc-type through-hole component, typically coated in a blue or tan epoxy resin.
---
### 3. Common Applications
This specific capacitor is generally found in the following circuit types:
1. **Switching Power Supplies (SMPS):** Used for snubber circuits to protect semiconductors from voltage spikes.
2. **Ballasts:** Used in lighting electronics for voltage regulation.
3. **Horizontal Resonance Circuits:** Frequently used in older CRT displays and specialized monitors.
4. **DC-DC Converters:** Acts as a decoupling or filter element for high-voltage DC lines.
---
### 4. Equivalent Substitutes
If this exact TDK part is unavailable, engineers typically look for cross-references in these series:
* **Murata:** DE1 or DE2 Series (Safety Recognized)
* **Vishay:** Roederstein High Voltage Series
* **KEMET:** C900 Series
- ⤷
What is the difference between Y5P and X7R temperature characteristics?
- ⤷ Can this capacitor be used in AC mains filtering applications?
- ⤷ How does the 'kinked' lead design benefit the soldering process?