công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CK45-R3AD331K-VRA

  • AI
    The **CK45-R3AD331K-VRA** is a high-voltage ceramic disc capacitor manufactured by TDK Corporation. It is primarily designed for use in power supply circuits, noise suppression, and high-voltage decoupling applications. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CK45** | Series Name | TDK High Voltage Ceramic Disc series | | **R3AD** | Voltage/Temp Char. | Temperature characteristic (Class 2) / Voltage rating | | **331** | Capacitance Code | 330 pF (33 + one zero) | | **K** | Tolerance | ±10% | | **-VRA** | Packaging/Form | Bulk or Taped (Specific lead shape/packaging) | --- ### 2. Key Technical Specifications These are the critical electrical parameters for engineering design: * **Capacitance:** 330 pF (Picofarads) * **Rated Voltage:** 1kV DC (1000 Volts) * **Temperature Characteristic:** R (Low dissipation factor, stable under high voltage) * **Tolerance:** ±10% * **Mounting Type:** Through-hole (Radial leaded) * **Dielectric Type:** Class 2 Ceramic --- ### 3. Applications and Use Cases This specific part is often found in circuits where high voltage management is necessary within a small footprint: * **Switching Power Supplies (SMPS):** Used for snubber circuits to protect MOSFETs from voltage spikes. * **Noise Filters:** Suppressing high-frequency electromagnetic interference (EMI). * **Ballast Electronics:** Used in lighting circuits to manage high-voltage ignition and operation. * **Horizontal Resonance:** Found in legacy CRT display circuits or high-voltage DC-DC converters. --- ### 4. Physical Construction The device consists of a ceramic dielectric disc coated with metal electrodes. The entire body is encapsulated in a flame-retardant epoxy resin (UL94V-0 compliant) to ensure safety under high thermal stress. ```markdown Structure: [Lead Wire] --- [Solder] --- [Silver Electrode] --- [Ceramic Disc] --- [Epoxy Coating] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Class 1 and Class 2 ceramic capacitors?
    • ⤷ Can this capacitor be used in AC line-to-ground (Y-capacitor) applications?
    • ⤷ What are the recommended soldering conditions for the CK45 series?