CJT20-1003JB
AI

The **CJT20-1003JB** is a specific type of passive electronic component, primarily categorized as a **Wirewound Power Resistor**. These components are designed to dissipate significant heat while maintaining a stable resistance value.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Part Number Breakdown
The part number follows a standard convention for the CJT series:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CJT** | Series Name | Aluminum Housed Wirewound Resistor |
| **20** | Power Rating | 20 Watts |
| **1003** | Resistance Code | 100 x 10³ = **100,000 Ω (100kΩ)** |
| **J** | Tolerance | ±5% |
| **B** | Packaging/Form | Bulk / Standard Bracket Mount |
---
### 2. Technical Specifications
This resistor is built for durability and high-stress environments.
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 100 kΩ |
| **Power Rating** | 20 Watts (at 25°C) |
| **Tolerance** | ± 5% |
| **Casing Material** | Anodized Aluminum |
| **Termination Style** | Solder Lug / Wire Lead |
| **Temperature Coefficient** | Typically ±260 ppm/°C |
| **Max Operating Voltage** | ~350V - 500V (depending on insulation) |
---
### 3. Key Physical Features
* **Aluminum Housing:** The resistive element is encased in an extruded aluminum shell. This acts as a heat sink, allowing the component to dissipate 20W of power efficiently when mounted to a metal surface.
* **Wirewound Core:** The internal element consists of a resistive wire wound around a ceramic core. This construction is robust against high-energy pulses and surges.
* **Encapsulation:** The internal assembly is usually sealed with a high-temperature silicone or cement filler to protect against moisture and vibration.
---
### 4. Common Applications
Due to its high power rating and 100kΩ resistance, the CJT20-1003JB is typically used in:
1. **Bleeder Resistors:** Discharging high-voltage capacitors in power supplies for safety.
2. **Voltage Dividers:** Used in industrial sensing circuits where high voltage needs to be stepped down.
3. **Inrush Current Limiting:** Protecting circuits from sudden power spikes.
4. **Load Simulation:** Used in testing circuits that require a specific 100kΩ load.
---
### 5. Installation Note
To achieve the full **20W power rating**, this resistor **must be mounted to a heat sink** (such as a metal chassis). Without proper heat sinking, the resistor will overheat and may fail or drift in value if operated at its maximum rated power.
- ⤷What is the maximum operating temperature for the CJT series?
- ⤷ How does an aluminum housing improve power dissipation compared to ceramic resistors?
- ⤷ Can this resistor handle high-frequency AC signals?