công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CIF-R02

  • AI
    The **CIF-R02** is a specific communication interface module, most commonly associated with **Toagosei / Aron Alpha** dispensing systems or specialized industrial controllers. It serves as a bridge between a central processing unit (PLC or PC) and peripheral equipment. --- ### 1. Technical Specifications Overview The CIF-R02 is designed for serial communication conversion and signal isolation. Below are the typical specifications found in this module: | Component / Feature | Description | | :--- | :--- | | **Interface Type** | RS-232C Serial | | **Connector Type** | Usually D-Sub 9-pin or specialized terminal block | | **Isolation** | Photo-coupler isolation (protects internal circuits from surges) | | **Power Supply** | Typically 5V DC (drawn from the host) or 24V DC external | | **Signal Lines** | TXD, RXD, RTS, CTS, GND | --- ### 2. Key Electronic Parts and Construction The internal architecture of the CIF-R02 focuses on signal integrity and voltage level shifting. #### A. Communication ICs * **Level Shifters:** Uses chips (similar to the MAX232 series) to convert logic-level signals (TTL/CMOS) from the controller into RS-232 voltage levels (+/- 12V). * **UART Controller:** Manages the timing and framing of the data packets. #### B. Isolation Layer * **Optoisolators:** These are critical electronic components within the module. They convert electrical signals into light and back to electricity, ensuring that a high-voltage spike on the communication line does not destroy the main control board. #### C. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppression diodes are used to clamp electrostatic discharge (ESD). * **Decoupling Capacitors:** Small ceramic capacitors used to filter noise from the power lines to ensure stable data transmission. --- ### 3. Application Context In industrial environments, the CIF-R02 is primarily used for: 1. **Programming:** Interfacing a handheld programmer with a robotic dispenser. 2. **Data Logging:** Sending cycle counts or error codes to a localized PC. 3. **Synchronization:** Linking two machines to ensure they trigger at the exact same millisecond. --- ### 4. Pinout Configuration (Standard RS-232) While specific to the manufacturer's implementation, the internal wiring usually follows this standard for the electronic interface: 1. **CD** (Carrier Detect) 2. **RXD** (Receive Data) 3. **TXD** (Transmit Data) 4. **DTR** (Data Terminal Ready) 5. **GND** (Signal Ground) 6. **DSR** (Data Set Ready) 7. **RTS** (Request to Send) 8. **CTS** (Clear to Send) 9. **RI** (Ring Indicator)
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer or machine model you are using the CIF-R02 with?
    • ⤷ Do you need the wiring diagram for connecting the CIF-R02 to a modern PLC?
    • ⤷ Are you experiencing communication errors or hardware failure symptoms?