công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CI201210-R47J

  • AI
    The **CI201210-R47J** is a surface-mount multilayer ceramic chip inductor. It is commonly used in high-frequency circuits for signal filtering, noise suppression, and impedance matching. Below is the detailed breakdown of its specifications and characteristics. ### 1. Part Number Breakdown The part number follows a standard industry nomenclature, typically associated with manufacturers like **Bourns** or **Samsung Electro-Mechanics**. | Component | Code | Meaning | | :--- | :--- | :--- | | **Series** | CI | Ceramic Inductor (Multilayer Type) | | **Dimensions** | 201210 | Size in Metric: 2.0 x 1.25 x 1.0 mm (equivalent to **0805** imperial) | | **Inductance** | R47 | 0.47 Microhenries (µH) | | **Tolerance** | J | ±5% | --- ### 2. Technical Specifications These values represent the typical performance metrics for this specific component: * **Inductance:** 0.47 µH * **Tolerance:** ±5% (J) * **Case Size:** 0805 (2012 Metric) * **Material:** Ceramic multilayer structure (provides high self-resonant frequency). * **Rated Current:** Usually ranges between **150mA to 300mA** (depending on the specific manufacturer series). * **DC Resistance (DCR):** Low, typically around **0.40 to 0.70 Ohms**. * **Quality Factor (Q):** High Q at high frequencies, usually measured at 25MHz or 50MHz. --- ### 3. Key Features and Applications The CI201210-R47J is designed for performance in compact electronic environments. #### Key Features: * **Monolithic Structure:** The integrated ceramic body provides high reliability and excellent magnetic shielding, minimizing crosstalk. * **High Self-Resonant Frequency (SRF):** Suitable for high-speed signal processing. * **Lead-Free:** Usually RoHS compliant and compatible with lead-free soldering processes. #### Typical Applications: 1. **Mobile Communications:** Cell phones, Bluetooth modules, and WLAN cards. 2. **EMI Suppression:** Used in high-frequency lines to filter out electromagnetic interference. 3. **RF Circuits:** Impedance matching in radio frequency front-ends. 4. **Computer Peripherals:** Motherboards, tablets, and high-speed data buses. --- ### 4. Comparison Table: 0805 vs. 0603 Inductors While the R47J value can exist in smaller packages, the 2012 (0805) size offers specific trade-offs: | Feature | CI2012 (0805) | CI1608 (0603) | | :--- | :--- | :--- | | **Physical Size** | Larger (2.0 x 1.25mm) | Smaller (1.6 x 0.8mm) | | **Current Handling** | Higher current capacity | Lower current capacity | | **DCR** | Lower Resistance | Higher Resistance | | **Board Space** | Consumes more space | Space efficient |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CI201210-R47J?
    • ⤷ How does a multilayer ceramic inductor differ from a wire-wound inductor?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?