công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CG8010DX16

  • AI
    The **CG8010DX16** is a high-performance, integrated semiconductor device typically used in networking and communication infrastructure. It is part of the Broadcom (formerly Avago/LSI) family of SoCs (System on Chip) designed for broadband access and gateway applications. --- ### 1. Key Technical Specifications The CG8010 series is engineered to handle high-speed data processing. Below are the typical electronic characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | System on Chip (SoC) / Processor | | **Primary Application** | DOCSIS 3.1 Gateways / Broadband Modems | | **Architecture** | Multi-core ARM or MIPS based (Model dependent) | | **Interface Support** | PCIe, Ethernet (RGMII/SGMII), USB 3.0, DDR3/DDR4 | | **Package Type** | BGA (Ball Grid Array) | | **Operating Temp** | Commercial to Industrial Grade | --- ### 2. Core Functional Blocks To understand the "parts" inside this IC, it is best to look at its internal functional architecture: #### A. Central Processing Unit (CPU) The heart of the chip consists of high-frequency cores that manage the Linux-based firmware, networking stacks, and user interfaces (GUI) for routers or modems. #### B. Network Acceleration Engines Unlike a standard PC processor, the CG8010DX16 contains hardware-based **Packet Processors**. These offload the CPU from tasks like: * IPv4/IPv6 Routing * Quality of Service (QoS) management * Network Address Translation (NAT) #### C. Memory Controller It features a high-bandwidth memory controller designed to interface with external RAM (typically DDR3L or DDR4) to handle high-speed buffering required for Gigabit internet speeds. #### D. Peripheral Connectivity The chip integrates physical layer (PHY) support or interfaces for: * **Ethernet Ports:** Connecting to LAN/WAN switches. * **Wi-Fi Radio Interface:** Connecting to external Wi-Fi chipsets via PCIe. * **Storage:** NAND/NOR Flash interfaces for booting the OS. --- ### 3. Application Context The CG8010DX16 is most commonly found on the PCB of **Cable Modems** and **Fiber Optic Gateways**. It acts as the "brain" that bridges the incoming coax/fiber signal (via a separate Tuner/Front-end) to the local Wi-Fi and Ethernet networks in a home or office. --- ### 4. Hardware Design Considerations When engineers design a board using this part, they must account for: 1. **Thermal Management:** Due to the high processing power, these chips often require a dedicated heatsink or thermal pad. 2. **Power Sequencing:** The chip requires multiple voltage rails (e.g., 1.1V for core, 1.8V/3.3V for I/O), requiring complex PMIC (Power Management IC) support. 3. **Signal Integrity:** High-speed differential pairs (PCIe/Ethernet) require precise PCB impedance control.
    ✨ Follow-up Questions
    • ⤷What is the difference between CG8010 and CG8010DX16?
    • ⤷ Which manufacturers produce compatible PMICs for this SoC?
    • ⤷ Does this chip support DOCSIS 3.1 full-duplex capabilities?