CFWKA450KFFA-R0
AI

The **CFWKA450KFFA-R0** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ceramic Filters**, specifically designed for intermediate frequency (IF) stages in communication equipment.
---
## 1. Component Overview
The CFWKA series consists of high-selectivity ceramic filters. These are used to allow specific frequencies to pass through while attenuating (blocking) unwanted signals or noise.
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Component Type** | Ceramic Filter (Ladder Type) |
| **Center Frequency** | 450 kHz |
| **Package Type** | Surface Mount (SMD) |
| **Application** | IF Stage in AM/FM Radios, Transceivers |
---
## 2. Technical Characteristics
This part is a "Ladder Type" filter, meaning it consists of multiple ceramic elements connected in a ladder configuration to achieve a sharp "skirt" characteristic (high selectivity).
### Key Electrical Parameters
* **Center Frequency ($f_o$):** 450 kHz. This is standard for narrow-band FM or high-end AM receivers.
* **Bandwidth:** Typically defined at the 6dB point. For this specific "KFFA" suffix, it usually indicates a narrow bandwidth (approx. ±6.0 kHz to ±7.5 kHz).
* **Insertion Loss:** The amount of signal lost when passing through the filter, usually kept under 4–6 dB.
* **Input/Output Impedance:** Usually around 1.5 kΩ to 2.0 kΩ, requiring matching circuits for optimal performance.
---
## 3. Physical Construction and Pins
The "K" in the part number often denotes a specific lead shape or mounting style.
* **SMD Design:** The "R0" suffix indicates that the part is provided on a tape and reel for automated pick-and-place assembly.
* **Materials:** Made from piezoelectric ceramics that vibrate at the specified frequency.
---
## 4. Typical Application Circuit
In a superheterodyne receiver, this filter is placed between the mixer and the detector.
```mermaid
graph LR
A[Mixer Out] --> B[Matching Resistor]
B --> C(CFWKA450)
C --> D[Matching Resistor]
D --> E[IF Amplifier]
```
---
- ⤷
What is the difference between the 450 kHz and 455 kHz versions of this filter?
- ⤷ How do I calculate the impedance matching for this ceramic filter?
- ⤷ What are the common failure modes for ceramic ladder filters?