công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CFS-0101TB

  • AI
    ## Overview of the CFS-0101TB The **CFS-0101TB** is a specific model of a **DIP Switch**, typically categorized under electromechanical components. It is a surface-mount device (SMD) designed for configuration settings on printed circuit boards (PCBs). ### Technical Specifications The following table details the primary electronic and mechanical characteristics of the CFS-0101TB: | Characteristic | Specification | | :--- | :--- | | **Component Type** | DIP Switch (Slide Type) | | **Number of Positions** | 1 Position (SPST - Single Pole Single Throw) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuator Level** | Flush / Flat | | **Contact Rating (Switching)** | 100mA @ 5V DC | | **Contact Rating (Non-Switching)** | 100mA @ 50V DC | | **Contact Resistance** | 50 mΩ Max | | **Insulation Resistance** | 100 MΩ Min @ 100V DC | | **Dielectric Strength** | 300V AC for 1 minute | | **Operating Temperature** | -40°C to +85°C | --- ### Internal Electronic Construction The electronic functionality of the CFS-0101TB is straightforward but relies on high-quality materials to ensure reliability: 1. **Contacts:** Usually gold-plated or silver-plated over a nickel base to prevent oxidation and ensure low contact resistance over the component's lifespan. 2. **Housing:** Constructed from high-temperature thermoplastic (e.g., PPS or LCP) to withstand infrared (IR) reflow soldering processes. 3. **Sealing:** Often comes with a "Tape & Reel" packaging and a top-side Mylar film (tape) to allow for automated vacuum pick-and-place and to protect contacts during wash cycles. ### Common Applications Because this is a single-position switch, it is frequently used for: * **Address Setting:** Defining a unique ID for a device on a bus. * **Mode Selection:** Switching between "Normal" and "Diagnostic" modes. * **Hardware Enable/Disable:** Manually enabling or disabling a specific circuit feature (like a pull-up resistor). * **Battery Isolation:** Occasionally used to prevent power drain during storage. --- ### Footprint and Soldering The "TB" suffix generally refers to the **Tape and Reel** packaging with a "Gull-wing" terminal lead configuration. This allows the part to be soldered using standard SMT reflow profiles.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the CFS-0101TB footprint?
    • ⤷ Does this model support 'top-tape' sealing for aqueous cleaning?
    • ⤷ What is the mechanical life expectancy (number of cycles) for this switch?