CFL161010CF-R82
AI

The **CFL161010CF-R82** is an electronic component typically categorized as a **Wire-wound Chip Inductor** (Surface Mount Device). These parts are commonly used in power management and RF filtering circuits.
---
### 1. Part Number Breakdown
The nomenclature of this part generally follows this logic:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **CFL** | Series | Common-mode Filter or Low-profile Power Inductor series. |
| **161010** | Dimensions | Metric size: approx. 1.6mm x 1.0mm x 1.0mm. |
| **CF** | Material | Ferrite core material / Configuration code. |
| **R82** | Inductance | **0.82 µH** (R denotes the decimal point). |
---
### 2. Key Specifications
While specific datasheets vary by manufacturer (such as Taiyo Yuden, Murata, or TDK), a part with this designation typically adheres to these parameters:
* **Inductance:** 0.82 µH (Microhenries).
* **Tolerance:** Usually ±20% (M) or ±10% (K).
* **Mounting Type:** SMD (Surface Mount Device).
* **Core Material:** Ferrite (provides high magnetic permeability and efficiency).
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation.
---
### 3. Application Use Cases
Inductors of this size and value are essential in modern compact electronics.
* **DC-DC Converters:** Used in "Buck" or "Boost" converters for smartphones and wearables to stabilize voltage.
* **Noise Filtering:** Acts as a low-pass filter to remove high-frequency noise from power lines.
* **Signal Decoupling:** Prevents interference between different sections of a PCB (Printed Circuit Board).
---
### 4. Technical Characteristics
Below is a representation of how the component behaves under load:
```cpp
// Typical performance metrics for a 0.82uH Inductor
struct InductorProfile {
float inductance_uH = 0.82;
float max_current_mA = 1200; // Estimated saturation current
float dcr_ohms = 0.085; // Estimated DC Resistance
char core_type[] = "Ferrite";
};
```
- ⤷
What is the maximum current rating for the CFL161010CF-R82?
- ⤷ How does a ferrite core differ from a ceramic core in SMD inductors?
- ⤷ Which manufacturers produce equivalents to this specific part number?