công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CFL0603C-R34

  • AI
    The **CFL0603C-R34** is a specific electronic component, likely a high-frequency inductor or a specialized resistor, typically categorized under **surface-mount devices (SMD)**. Based on standard industry naming conventions, this part belongs to the **0603 package size** (1.6mm x 0.8mm). --- ### 1. Component Specifications Below is a breakdown of the technical characteristics typically associated with this part number: | Feature | Specification | Description | | :--- | :--- | :--- | | **Part Series** | CFL Series | Common for Thin Film or Ceramic chip inductors. | | **Package Code** | 0603 | Dimensions: 1.6mm x 0.8mm (Metric 1608). | | **Nominal Value** | R34 | Represents 0.34 units (usually μH for inductors). | | **Material** | Ceramic/Thin Film | Provides high stability at high frequencies. | | **Mounting Type** | SMT/SMD | Designed for automated pick-and-place assembly. | --- ### 2. Deep Dive: Decoding "R34" In the electronics industry, the letter "R" acts as a decimal point. * **Inductance:** If this is a chip inductor, **R34** translates to **0.34 μH** (microhenries) or **340 nH** (nanohenries). * **Resistance:** While less common for the "CFL" prefix (which usually denotes inductors), if it were a resistor, it would mean **0.34 Ohms**. --- ### 3. Key Electronic Characteristics The "CFL" series is generally engineered for high-performance circuits. Key traits include: * **High Q Factor:** Ensures low loss in resonant circuits, making it ideal for RF (Radio Frequency) applications. * **Tight Tolerance:** Often available in ±2% or ±5%, allowing for precise tuning in filters. * **High Self-Resonant Frequency (SRF):** This allows the component to maintain its inductive properties even at very high frequencies (GHz range). * **Low DC Resistance (DCR):** Minimizes power dissipation and heat generation within the circuit. --- ### 4. Common Applications Due to its small footprint and high-frequency stability, the CFL0603C-R34 is commonly found in: 1. **Mobile Communication:** Cell phones, Wi-Fi modules, and Bluetooth devices. 2. **Impedance Matching:** Used in the matching networks of antennas to ensure maximum power transfer. 3. **Filter Circuits:** Low-pass, high-pass, or band-pass filters in RF front-ends. 4. **Decoupling:** Filtering high-frequency noise in sensitive digital lines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CFL0603C-R34?
    • ⤷ How does ceramic core material differ from ferrite in this package size?
    • ⤷ Is there a direct equivalent from manufacturers like Murata or TDK?