CFAH1602A-RTC-JP
AI

The **CFAH1602A-RTC-JP** is a specific character LCD module manufactured by Crystalfontz. This model belongs to the popular 1602 family (16 characters by 2 rows) and is widely used in embedded systems for displaying text information.
---
## 1. Core Technical Specifications
The electrical and physical characteristics define how this part interacts with a microcontroller (like Arduino, ESP32, or STM32).
| Feature | Specification |
| :--- | :--- |
| **Display Format** | 16 Characters x 2 Lines |
| **Interface** | Parallel (6800 series) |
| **Voltage (VDD)** | 5.0V Typical |
| **Logic Voltage** | 3.3V to 5.0V compatible |
| **Backlight** | Reflective (No Backlight / Ambient Light needed) |
| **Controller** | ST7066U (or equivalent industry standard) |
| **Character ROM** | Japanese (Katakana) + English |
---
## 2. Key Electronic Components
### A. The Controller (ST7066U)
The "brain" of the module is the **ST7066U** (or HD44780 compatible).
- It handles the timing, character generation, and DDRAM (Display Data RAM).
- It converts ASCII/JIS codes into the 5x8 dot matrix patterns visible on the screen.
### B. LCD Glass Type: Reflective (RTC)
The "RTC" suffix in the part number indicates the optical properties:
- **R (Reflective):** The module has a mirror-like backing. It does not have an internal light source (backlight). It relies on ambient light to be readable.
- **T (TN - Twisted Nematic):** The type of liquid crystal technology used, providing a standard viewing angle and high contrast in bright light.
- **C (Positive):** Dark characters on a light background.
### C. Character Set (JP)
The "JP" designation indicates the **Japanese Character ROM**. Unlike standard English displays, this module includes:
- Standard Latin Alphabet (A-Z, a-z).
- Numbers and Punctuation.
- **Katakana** characters for Japanese text display.
---
## 3. Pinout Configuration
The module uses a standard 14-pin interface (since there is no backlight, pins 15 and 16 are usually omitted or unused).
| Pin | Symbol | Function |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Supply Voltage (+5V) |
| 3 | VO | Contrast Adjustment (via Potentiometer) |
| 4 | RS | Register Select (Command/Data) |
| 5 | R/W | Read/Write (usually tied to Ground) |
| 6 | E | Enable Signal |
| 7-14 | DB0-DB7 | Data Bus (8-bit or 4-bit mode) |
---
## 4. Power and Contrast Circuitry
To operate the electronics correctly, a simple external circuit is required:
1. **VCC/GND:** Connect to a stable 5V power supply.
2. **Contrast Pin (VO):** This is an analog input. You must connect a **10kΩ potentiometer** between VDD and VSS, with the wiper connected to Pin 3. Adjusting this is necessary to make the characters visible.
---
- ⤷
How do I wire this display for 4-bit mode to save microcontroller pins?
- ⤷ Does this specific 'Reflective' model work well in dark environments?
- ⤷ What is the difference between the ST7066U and the HD44780 controller?