AI

## Technical Overview of the CFAH1602A-RGC-JP
The **CFAH1602A-RGC-JP** is a 16x2 character LCD module manufactured by Crystalfontz. This specific model belongs to the CFAH1602A family and features a red character display on a dark background (negative mode).
### 1. Key Component Specifications
| Feature | Specification |
| :--- | :--- |
| **Display Format** | 16 Characters x 2 Lines |
| **Interface** | Parallel (8-bit or 4-bit) |
| **Controller** | Sitronix ST7066U (HD44780 compatible) |
| **Backlight** | Red LED |
| **Supply Voltage (VDD)** | 5.0V (Standard) |
| **LCD Mode** | STN Negative, Blue/Black (looks red due to backlight) |
---
### 2. Pin Configuration (16-Pin Header)
The module uses a standard 16-pin interface common to character LCDs.
| Pin | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **VSS** | Ground (0V) |
| 2 | **VDD** | Supply Voltage (+5V) |
| 3 | **VO** | Contrast Adjustment (via Potentiometer) |
| 4 | **RS** | Register Select (0 = Instruction, 1 = Data) |
| 5 | **R/W** | Read/Write (0 = Write, 1 = Read) |
| 6 | **E** | Enable Signal (Latch data on falling edge) |
| 7-14 | **DB0-DB7** | Data Bus lines |
| 15 | **LED+** | Backlight Anode (+5V typically) |
| 16 | **LED-** | Backlight Cathode (Ground) |
---
### 3. Electronic Driving Characteristics
* **Logic Voltage:** The ST7066U controller operates at 5V logic. If using a 3.3V microcontroller (like an ESP32 or Raspberry Pi), a logic level shifter is recommended to ensure reliable communication.
* **Contrast Circuitry:** Pin 3 (**VO**) requires a variable voltage between 0V and 5V. Usually, a 10kΩ potentiometer is connected between VDD and VSS, with the wiper connected to VO.
* **Backlight Current:** The red LED backlight typically requires a current-limiting resistor if the power source is not regulated specifically for the backlight.
### 4. Character Set
The **-JP** suffix indicates that the internal ROM includes the **Japanese Font Set**. This allows the display to render standard ASCII characters as well as Katakana characters natively.
### 5. Simple Wiring Example (Pseudo-code logic)
```cpp
// Example using the Arduino LiquidCrystal library
#include
// Initialize the library with the numbers of the interface pins
// RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
lcd.begin(16, 2);
lcd.print("Hello, World!");
}
void loop() {
// Cursor positioning and updates
}
```
---
- ⤷How do I calculate the current-limiting resistor for the red backlight?
- ⤷ Can this display be modified to run on 3.3V power?
- ⤷ What is the difference between the ST7066U and the HD44780 controller?