công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CFAG1602A-RTA-JP

  • AI
    The **CFAG1602A-RTA-JP** is a character LCD module manufactured by Crystalfontz. It is widely used in embedded systems for displaying text information. --- ### 1. Key Specifications Below are the primary electrical and physical characteristics of this module: | Parameter | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **Module Dimension** | 80.0 x 36.0 x 13.2 mm | | **Viewing Area** | 66.0 x 16.0 mm | | **Controller IC** | ST7066U (or equivalent) | | **Backlight** | Red LED | | **LCD Type** | STN Negative, Blue, Transmissive | | **Operating Voltage** | 5V (Typical) | | **Interface** | 4-bit or 8-bit Parallel | --- ### 2. Electronic Components & Pins The module operates using a standard **Hitachi HD44780 compatible** controller (the ST7066U). This makes it compatible with most Arduino, PIC, and Raspberry Pi libraries. #### Pin Configuration Table | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (High: Data / Low: Instruction) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus lines | | 15 | A | Backlight Anode (+) | | 16 | K | Backlight Cathode (-) | --- ### 3. Essential Circuitry Requirements To integrate this part into an electronic circuit, the following considerations are necessary: * **Contrast Control:** A 10kΩ to 20kΩ potentiometer is usually connected between VDD and VSS, with the wiper connected to **Pin 3 (VO)** to adjust the visibility of the characters. * **Current Limiting Resistor:** While some modules include a resistor for the LED backlight, it is standard practice to use a current-limiting resistor (approx. 100Ω - 220Ω) on **Pin 15 (A)** to prevent burning out the Red LED. * **Logic Level:** This is a **5V device**. If using a 3.3V microcontroller (like an ESP32 or STM32), a logic level shifter is required for stable communication and to prevent damage. --- ### 4. Initialization Example (Pseudo-code) The controller requires a specific power-on sequence to function. ```cpp // Basic 4-bit initialization sequence void lcd_init() { delay(50); // Wait for power stabilization send_command(0x03); // Function Set delay(5); send_command(0x02); // Return Home send_command(0x28); // 4-bit mode, 2 lines, 5x8 dots send_command(0x0C); // Display ON, Cursor OFF send_command(0x01); // Clear Display } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current draw for the red backlight?
    • ⤷ Can this module be operated at 3.3V without a voltage booster?
    • ⤷ How do I wire the contrast pin for maximum visibility?