AI

The **CFAG1602A-RNB-JP** is a character Liquid Crystal Display (LCD) module manufactured by Crystalfontz. It is a highly popular display type used in embedded systems due to its reliability and standard interface.
---
## 1. Core Technical Specifications
The model name itself describes the primary hardware features:
| Feature | Specification |
| :--- | :--- |
| **Display Format** | 16 Characters x 2 Lines |
| **LCD Mode** | STN Blue Negative (Blue background, white/light text) |
| **Backlight** | White LED |
| **Interface** | Parallel (8-bit or 4-bit) |
| **Controller** | Sitronix ST7066U (or equivalent HD44780) |
| **Voltage (VDD)** | 5.0V Typical |
---
## 2. Key Electronic Components
### A. The Controller (ST7066U)
The "brain" of the module is the **ST7066U IC**. It is industry-standard and compatible with the Hitachi HD44780.
* **Internal RAM:** Stores the character data sent by your microcontroller.
* **Character Generator (CGROM):** Contains the standard font map (ASCII).
* **Instruction Set:** Supports commands for clearing the screen, moving the cursor, and shifting the display.
### B. Pin Configuration (Header)
The module typically uses a 16-pin interface. The electronic functions are distributed as follows:
| Pin | Symbol | Function |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Supply Voltage (+5V) |
| 3 | VO | Contrast Adjustment (via Potentiometer) |
| 4 | RS | Register Select (Command vs. Data) |
| 5 | R/W | Read/Write Select |
| 6 | E | Enable Signal (Latch data) |
| 7-14 | DB0-DB7 | Data Bus lines |
| 15 | A/VEE | Backlight Anode (+) |
| 16 | K | Backlight Cathode (-) |
---
## 3. Driving Considerations
### Voltage and Contrast
Pin 3 (**VO**) is critical for electronics integration. You must connect a 10kΩ potentiometer between VDD and VSS, with the wiper connected to VO. This adjusts the driving voltage for the liquid crystals to ensure the text is visible.
### Backlight Circuit
The white LED backlight typically requires a current-limiting resistor if the driving circuit does not provide one. Operating the backlight at 3.0V to 3.5V is standard, but check the specific forward current ($I_f$) in the datasheet to prevent burning out the LEDs.
### Logic Interfacing
Since this is a **5V logic** device, if you are using a **3.3V microcontroller** (like an ESP32 or STM32), you may need:
* **Level Shifters:** To step up the 3.3V signals to 5V.
* **Voltage Dividers:** If reading data back from the LCD to the MCU.
---
## 4. Basic Connection Diagram (Conceptual)
```cpp
// Typical Arduino Pin Mapping (LiquidCrystal Library)
const int rs = 12, en = 11, d4 = 5, d5 = 4, d6 = 3, d7 = 2;
LiquidCrystal lcd(rs, en, d4, d5, d6, d7);
void setup() {
lcd.begin(16, 2);
lcd.print("CFAG1602A Test");
}
```
- ⤷
How do I calculate the resistor value for the LED backlight?
- ⤷ Can this display be modified to run on 3.3V VDD?
- ⤷ What is the difference between 4-bit and 8-bit parallel modes for this controller?