AI

The **CFAG1602A-RME-JP** is a 16x2 Character LCD module manufactured by Crystalfontz. It is a highly standard industrial display used for showing text and simple symbols.
---
## 1. Core Technical Specifications
Below are the primary electronic and physical parameters for the module:
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | STN Negative, Blue, Transmissive |
| **Character Format** | 16 Characters x 2 Lines |
| **Controller** | Sitronix ST7066U (or equivalent) |
| **Interface** | Parallel (4-bit or 8-bit) |
| **Backlight** | White LED |
| **Operating Voltage** | 5.0V (Typical) |
| **Module Dimensions** | 80.0mm x 36.0mm |
---
## 2. Pin Configuration (Interface)
The module uses a standard 16-pin interface. Understanding these pins is crucial for electronic integration.
| Pin No. | Symbol | Function | Description |
| :--- | :--- | :--- | :--- |
| 1 | VSS | Ground | 0V |
| 2 | VDD | Power Supply | +5.0V |
| 3 | VO | Contrast | Contrast adjustment (usually via potentiometer) |
| 4 | RS | Register Select | 0: Instruction, 1: Data |
| 5 | R/W | Read/Write | 0: Write, 1: Read |
| 6 | E | Enable | Enable signal (Falling edge trigger) |
| 7-14 | DB0-DB7 | Data Bus | Bi-directional 8-bit data bus |
| 15 | A | LED (+) | Backlight Anode (+5V) |
| 16 | K | LED (-) | Backlight Cathode (GND) |
---
## 3. Electronic Architecture
### Controller: ST7066U
The heart of this display is the **ST7066U** dot-matrix LCD controller. It includes:
* **DDRAM (Display Data RAM):** Stores the character codes displayed on the screen.
* **CGROM (Character Generator ROM):** Contains the font bitmaps (English/Japanese character sets for the -JP version).
* **CGRAM (Character Generator RAM):** Allows the user to define up to 8 custom symbols or icons.
### Japanese Font Support
The **-JP** suffix indicates that the internal CGROM includes Japanese Katakana characters in addition to the standard ASCII set.
### Backlight and Contrast
* **Backlight:** The white LED backlight typically requires a current-limiting resistor if not integrated into the PCB.
* **Contrast Circuit:** A 10kΩ potentiometer is usually connected between VDD and VSS, with the wiper connected to **VO** (Pin 3) to adjust visibility.
---
## 4. Connection Example (Arduino/Microcontroller)
To drive this electronically, you can use the following logic in a 4-bit mode to save I/O pins:
```cpp
#include
// Initialize the library with the numbers of the interface pins
// RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
lcd.begin(16, 2);
lcd.print("Hello, Crystalfontz");
}
void loop() {
// Logic for updating display
}
```
- ⤷
What is the maximum current draw for the white LED backlight?
- ⤷ How do I calculate the resistor value for the VO contrast pin?
- ⤷ Can this display be operated at 3.3V instead of 5V?