AI

The **CFAG1602A-RMB-JP** is a specific character LCD module manufactured by Crystalfontz. It is a 16x2 monochrome display known for its reliability in industrial and hobbyist applications.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Display Format** | 16 Characters x 2 Lines |
| **Module Dimensions** | 80.0mm (W) x 36.0mm (H) |
| **Controller Type** | Sitronix ST7066U (or compatible) |
| **Backlight Type** | Blue LED Backlight |
| **Fluid Type** | STN Negative, Blue |
| **Voltage Supply** | 5V (Typical) |
| **Interface** | 4-bit or 8-bit Parallel |
---
### 2. Electronic Component Breakdown
The functionality of the module is defined by three primary electronic segments:
#### A. The Controller (ST7066U)
The "brain" of the module is the **ST7066U** dot-matrix LCD controller.
* **Function:** It receives data from your microcontroller (like Arduino or ESP32) and converts it into the signals required to drive the LCD glass.
* **Compatibility:** It is fully compatible with the industry-standard Hitachi HD44780 command set.
* **Memory:** Includes internal CGROM (Character Generator ROM) containing standard fonts (including Japanese Katakana, as indicated by the "-JP" suffix).
#### B. Pin Configuration (Interface)
The module uses a standard 16-pin header for power and data:
| Pin | Symbol | Function |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Supply Voltage (+5V) |
| 3 | VO | Contrast Adjustment (via Potentiometer) |
| 4 | RS | Register Select (0=Command, 1=Data) |
| 5 | R/W | Read/Write (usually tied to GND for Write) |
| 6 | E | Enable signal (latching) |
| 7-14 | DB0-DB7 | Data Bus (DB4-DB7 used for 4-bit mode) |
| 15 | LED+ | Backlight Anode (+5V with resistor) |
| 16 | LED- | Backlight Cathode (GND) |
#### C. The Optical Engine (STN Negative Blue)
* **STN (Super-Twisted Nematic):** Provides better contrast and wider viewing angles than standard TN displays.
* **Negative Image:** The background is dark blue (when powered), and the characters appear as light/white because the backlight shines through them.
---
### 3. Implementation Example (Arduino)
To use this part electronically, you connect it using the `LiquidCrystal` library.
```cpp
#include
// Initialize with Pin numbers: RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
lcd.begin(16, 2);
lcd.print("CFAG1602A Test");
}
void loop() {
lcd.setCursor(0, 1);
lcd.print("Active...");
}
```
---
- ⤷
What is the difference between the ST7066U and the HD44780 controller?
- ⤷ How do I calculate the current-limiting resistor for the backlight LED?
- ⤷ Does the -JP suffix mean it supports Kanji or just Katakana?