AI

The **CFAG1602A-RFD-JP** is a character Liquid Crystal Display (LCD) module manufactured by Crystalfontz. It is designed to display 16 characters across 2 lines.
Below is a breakdown of its electronic specifications and technical features.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Display Format** | 16 Characters x 2 Lines |
| **Technology** | FSTN (Film-compensated Super-Twisted Nematic) |
| **Backlight** | Red LED (indicated by "R" in the part number) |
| **Polarizer Mode** | Transflective (visible with or without backlight) |
| **Interface** | Parallel (8-bit or 4-bit) |
| **Controller** | Sitronix ST7066U (or compatible) |
---
### 2. Pinout Configuration
This module typically uses a standard 16-pin interface.
| Pin No. | Symbol | Function |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Supply Voltage for Logic (+5V or +3.3V) |
| 3 | VO | Contrast Adjustment (via Potentiometer) |
| 4 | RS | Register Select (High: Data / Low: Instruction) |
| 5 | R/W | Read/Write (High: Read / Low: Write) |
| 6 | E | Enable Signal |
| 7-14 | DB0-DB7 | Data Bus lines |
| 15 | LED+ | Backlight Anode (+) |
| 16 | LED- | Backlight Cathode (-) |
---
### 3. Electrical Characteristics
To prevent damaging the electronic components, the following parameters should be observed:
* **Supply Voltage ($V_{DD}$):** Typically 5.0V (Standard) or 3.3V depending on the specific version.
* **Backlight Forward Voltage ($V_f$):** Usually ~2.1V for Red LEDs. A current-limiting resistor is **required**.
* **Operating Current ($I_{DD}$):** Approximately 1.5mA to 2.5mA (excluding backlight).
* **Input High Voltage:** $0.7 \times V_{DD}$ (Minimum).
---
### 4. Logic & Programming
The onboard controller (ST7066U) is industry-standard, making it compatible with many libraries (like the Arduino `LiquidCrystal` library).
#### Initialization Code Snippet (Example)
```cpp
#include
// Initialize the library with the numbers of the interface pins
// RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
lcd.begin(16, 2); // Set up the LCD's number of columns and rows
lcd.print("CFAG1602A Ready");
}
void loop() {
// Main logic
}
```
---
- ⤷
What is the maximum current rating for the red LED backlight?
- ⤷ How do I calculate the resistor value for the VO contrast pin?
- ⤷ Can this display be interfaced with a 3.3V microcontroller like an ESP32?