CFA633-RDI-KS
AI

The **CFA633-RDI-KS** is a 16x2 character Intelligent LCD module manufactured by Crystalfontz. This specific model is designed for high-reliability data input and display, featuring an integrated 32-key keypad interface.
---
## 1. Core Technical Specifications
The electronics are built around a combination of an LCD controller and a specialized onboard microcontroller that handles high-level serial communication.
| Feature | Specification |
| :--- | :--- |
| **Display Type** | 16 Characters x 2 Lines (STN Blue, Negative) |
| **Backlight** | Edge-lit White LED |
| **Interface** | RS-232 Serial (Full Swing) |
| **Input Voltage** | +5V DC (Logic and Backlight) |
| **Current Draw** | ~15mA (min) to ~110mA (max backlight) |
| **Operating Temp** | -20°C to +70°C |
---
## 2. Key Electronic Components
### A. The Microcontroller Interface
Unlike standard "dumb" LCDs (which use 4-bit/8-bit parallel data), the CFA633 contains an onboard microprocessor.
- **Command Processing:** It translates high-level serial commands into the timing signals required by the LCD driver.
- **EEPROM:** It has non-volatile memory to store "Boot Screens" and default configuration settings (like contrast and brightness).
### B. Serial Communication (RS-232)
The "RDI" designation indicates an **RS-232** interface.
- It uses a level-shifter circuit to handle standard PC serial voltages (+/- 12V), making it directly compatible with COM ports.
- It supports hardware flow control (RTS/CTS) to prevent data buffer overflows during high-speed updates.
### C. Keypad Scanning Circuitry
The "KS" in the model name stands for **Keypad Support**.
- **Scan Matrix:** The board has a connector for a 32-key (4x8) matrix.
- **Interrupt driven:** The electronics monitor for key presses and immediately send a "Key Activity" packet back to the host computer via the serial line, reducing CPU overhead on the host.
### D. Integrated Temperature Header
The PCB includes a header for **Dallas Semiconductor DS18B20** One-Wire temperature sensors. The onboard electronics can poll up to 32 sensors and report the data back through the serial interface.
---
## 3. Connector Pinout (Serial/Power)
The module typically uses a 4-pin or 10-pin header for its primary connection.
| Pin | Label | Function |
| :--- | :--- | :--- |
| 1 | Ground | 0V System Ground |
| 2 | +5V | Logic & Backlight Power |
| 3 | RS232_TX | Data from LCD to Host |
| 4 | RS232_RX | Data from Host to LCD |
---
## 4. Hardware Safety Features
* **Reverse Polarity Protection:** Usually includes diode protection to prevent damage if the power leads are swapped.
* **Adjustable Contrast:** The contrast is controlled electronically (via software commands) rather than by a physical potentiometer, allowing for automatic adjustments based on ambient temperature.
- ⤷
How do I send commands to the CFA633 using Python or C++?
- ⤷ What is the difference between the RS-232 and USB versions of this module?
- ⤷ How do I wire a 32-key matrix to the KS header?