công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CF-S1Z1-R

  • AI
    The **CF-S1Z1-R** is a specific part number primarily associated with **Industrial PC components** or **Interface Modules**, often manufactured by companies like **Advantech** or specialized industrial electronics firms. It is most commonly identified as a **High-Speed COM Port (RS-232/422/485) Expansion Module**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The CF-S1Z1-R is designed to provide serial communication capabilities to industrial embedded systems. | Feature | Specification | | :--- | :--- | | **Interface Type** | Serial RS-232/422/485 (Software Selectable) | | **Connector Type** | DB9 Male or Terminal Block (model dependent) | | **Baud Rate** | Up to 921.6 Kbps | | **FIFO Buffer** | Typically 128 or 256 bytes | | **Isolation Protection** | 2,000 VDC (on industrial variants) | | **Operating Temperature** | -40°C to +85°C (Extended range) | --- ## 2. Key Electronic Components Inside a module like the CF-S1Z1-R, the following electronic parts are critical for its operation: ### A. Transceiver ICs These chips convert the logic-level signals (TTL) from the internal bus into the higher-voltage differential signals required for RS-422/485 or the bipolar signals for RS-232. * *Common parts used:* MaxLinear SP336 or Analog Devices LTC2870. ### B. UART (Universal Asynchronous Receiver-Transmitter) The "brain" of the communication port that manages the timing and data framing. In modern modules, this is often integrated into an FPGA or a dedicated multi-port UART chip. ### C. Galvanic Isolation To prevent ground loops and protect the host system from power surges in harsh industrial environments, the module utilizes: * **Optocouplers:** For signal isolation. * **DC-to-DC Converters:** To provide isolated power to the "field side" of the transceiver. --- ## 3. Application Use Cases The CF-S1Z1-R is typically used in the following scenarios: 1. **Factory Automation:** Connecting a PLC (Programmable Logic Controller) to a central computer. 2. **Energy Management:** Communicating with smart meters over long distances using RS-485. 3. **Legacy Support:** Allowing modern industrial PCs to communicate with older hardware that lacks USB or Ethernet ports. --- ## 4. Pinout Logic (Standard DB9) If the part uses a standard DB9 connector, the electronic mapping usually follows this logic: | Pin | RS-232 | RS-422 | RS-485 | | :--- | :--- | :--- | :--- | | 1 | DCD | TX- | Data- | | 2 | RXD | TX+ | Data+ | | 3 | TXD | RX+ | -- | | 4 | DTR | RX- | -- | | 5 | GND | GND | GND | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your CF-S1Z1-R module?
    • ⤷ Are you looking for the datasheet or pinout diagram for this part?
    • ⤷ Is this module failing to communicate in a specific RS-485 or RS-232 setup?