công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CDSCB10M7GF126-R0

  • AI
    The **CDSCB10M7GF126-R0** is a specific type of electronic component known as a **Ceramic Discriminator**, manufactured by Murata Electronics. These components are primarily used in communication equipment for demodulating FM signals. --- ## 1. Technical Specifications The part number encodes specific characteristics defined by the manufacturer. Below are the primary technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Center Frequency (fo)** | 10.700 MHz | | **Component Type** | Ceramic Discriminator (MHz Filter family) | | **Frequency Tolerance** | ±30 kHz | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | 1812 (4532 Metric) | | **Operating Temperature** | -20°C to +80°C | | **Recovered Audio Voltage** | Min 100mV (at 10.7MHz) | --- ## 2. Functional Description A ceramic discriminator is a specialized piezoelectric resonator. Its primary role is to convert **Frequency Modulation (FM)** into **Audio Frequency (AF)** signals. ### Key Internal Mechanics: * **Phase Shifting:** It utilizes the phase-shift characteristics of ceramic material to detect frequency deviations. * **Detection:** It works in conjunction with an FM IF (Intermediate Frequency) IC to extract the original audio or data signal from the carrier wave. --- ## 3. Common Applications This part is typically found in the "IF Stage" of radio receivers and wireless communication devices: 1. **Consumer Electronics:** FM radio receivers and cordless telephones. 2. **Communication Radios:** Walkie-talkies and transceivers. 3. **Data Transmission:** Low-speed wireless data links using FSK (Frequency Shift Keying) modulation. --- ## 4. Equivalent Circuit Representation In a circuit simulator (like LTSpice), the component is often modeled as a series of LCR elements representing the mechanical resonance: ```spice * Simple Model for Ceramic Resonator/Discriminator .subckt CDSCB10M7 1 2 L1 1 3 1.5mH C1 3 4 0.15pF R1 4 2 25 C0 1 2 5.0pF .ends ``` --- ## 5. Part Number Breakdown * **CDS**: Ceramic Discriminator. * **CB**: SMD Type (Chip). * **10M7**: 10.7 MHz Center Frequency. * **GF126**: Internal design code for specific bandwidth and slope characteristics. * **R0**: Packaging code (usually refers to Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic discriminator and a ceramic filter?
    • ⤷ Which FM IF ICs are most compatible with the CDSCB10M7 series?
    • ⤷ What are the soldering precautions for SMD ceramic components like this?