CDSCB10M7GF072-R0
AI

The **CDSCB10M7GF072-R0** is a specific type of electronic component known as a **Ceramic Discriminator**, manufactured by Murata Manufacturing. It is primarily used in communication equipment for demodulating FM signals.
---
## 1. Technical Specifications
The part belongs to the **CDB/CDSCB** series, which are surface-mount (SMD) piezoelectric components designed to work in conjunction with FM Intermediate Frequency (IF) ICs.
| Parameter | Specification |
|:---|:---|
| **Nominal Center Frequency** | 10.700 MHz |
| **Frequency Tolerance** | ±30 kHz |
| **3dB Bandwidth** | 150 kHz min. |
| **Recovery Voltage** | 450 mV min. |
| **Distortion Factor** | 1.0% max. |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | SMD (1812 size / 4.5 x 3.2 mm) |
---
## 2. Component Functionality
A ceramic discriminator acts as a frequency-to-voltage converter. In an FM receiver circuit, it performs the following roles:
* **Demodulation:** It extracts the original audio or data signal from a frequency-modulated 10.7 MHz carrier.
* **Phase Shifting:** It utilizes the mechanical resonance of the piezoelectric ceramic material to create a specific phase shift required by the FM detector circuit inside the receiver IC.
* **Replacement for LC Coils:** Unlike traditional inductor-capacitor (LC) tuned circuits, this ceramic part requires no manual tuning, is much smaller, and offers better thermal stability.
---
## 3. Physical Construction and Application
### Internal Structure
The device is composed of a high-stability piezoelectric ceramic element housed in a resin-sealed or ceramic-cased SMD package. The "GF" in the part number typically refers to specific bandwidth and temperature characteristics tailored for narrow or standard FM applications.
### Common Applications
1. **FM Radios:** Standard broadcast receivers.
2. **Cordless Phones:** Analog transmission stages.
3. **Wireless Data Transceivers:** Low-speed data modulation/demodulation.
4. **Two-way Radios:** Walkie-talkies operating in the VHF/UHF bands using a 10.7 MHz IF.
---
## 4. Part Number Breakdown
While Murata part numbers are complex, the code generally breaks down as follows:
* **CDSCB:** Series code (Ceramic Discriminator, Surface Mount).
* **10M7:** Center frequency (10.7 MHz).
* **GF:** Bandwidth/Characteristics code.
* **R0:** Packaging code (usually refers to Tape & Reel).
- ⤷
What is the difference between a ceramic discriminator and a ceramic filter?
- ⤷ Which specific ICs are compatible with the CDSCB10M7 series?
- ⤷ How does temperature drift affect the performance of this 10.7MHz component?