công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CDSCB10M7GA135-R0

  • AI
    The **CDSCB10M7GA135-R0** is a specific type of electronic component known as a **Ceramic Discriminator**, manufactured by Murata Electronics. It is primarily used in communication equipment for FM detection. --- ## 1. Technical Specifications The part belongs to the **CERALOCK®** line, specifically the CDSCB series. Below are the primary technical parameters: | Parameter | Value | | :--- | :--- | | **Center Frequency (f0)** | 10.700 MHz | | **Resonant Impedance** | 50 $\Omega$ (Max) | | **Frequency Tolerance** | ±30 kHz | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | Surface Mount (SMD) | | **Dimensions** | 4.5 x 2.0 mm (Approx.) | --- ## 2. Function and Role A ceramic discriminator is a specialized resonator designed to convert frequency variations into voltage variations. This process is essential for **FM Demodulation**. ### How it Works: * **Input:** An Intermediate Frequency (IF) signal (usually 10.7 MHz in FM radio). * **Process:** It works in conjunction with an IC (Integrated Circuit) to create a phase-shift circuit. * **Output:** An audio signal derived from the frequency-modulated carrier. --- ## 3. Key Features * **Miniaturization:** Its SMD profile allows for high-density mounting on PCBs, making it ideal for compact portable devices. * **Stability:** High frequency stability against temperature changes compared to traditional LC (Inductor-Capacitor) circuits. * **Adjustment-Free:** Unlike LC coils, these ceramic units do not require manual tuning during the manufacturing process, reducing labor costs. --- ## 4. Application Areas This component is typically found in the following devices: 1. **FM Radios:** Standard pocket or tabletop receivers. 2. **Cordless Phones:** Older analog wireless communication systems. 3. **Transceivers:** Small-scale radio communication hardware. 4. **AV Equipment:** Home theater tuners. --- ## 5. Typical Circuit Integration In a typical design, the CDSCB10M7GA135-R0 is connected to the "Discriminator" pin of an FM IF system IC (such as those from Sony, Sanyo, or Toshiba). ```text [IF Filter] --> [IF Amplifier IC] --> [CDSCB10M7GA135-R0] | [Audio Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic discriminator and a ceramic resonator?
    • ⤷ Which specific ICs are compatible with the CDSCB10M7 series?
    • ⤷ What are the storage requirements for this SMD component?